Electronic Components Datasheet Search
  English  ▼

X  

M30302FAPFP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M30302FAPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPFP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M30302FAPFP Datasheet HTML 24Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 25Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 26Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 27Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 28Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 29Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 30Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 31Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 28 of 53
REJ03B0088-0122
Figure 5.1
Power Supply Circuit Timing Diagram
Table 5.8
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for Internal Power Supply Stabilization
During Powering-On
VCC=2.7V to 5.5V
2
ms
td(R-S)
STOP Release Time
1500
μs
td(W-S)
Low Power Dissipation Mode Wait Mode
Release Time
1500
μs
td(P-R)
VCC
CPU clock
CPU clock
td(R-S)
(a)
(b)
td(W-S)
td(P-R)
Time for Internal Power
Supply Stabilization During
Powering-On
Interrupt for
(a) Stop mode release
or
(b)Wait mode release
td(R-S)
STOP Release Time
td(W-S)
Low Power Dissipation
Mode Wait Mode Release
Time
Recommended
operation voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com