Electronic Components Datasheet Search
  English  ▼

X  

M30302FAPFP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M30302FAPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPFP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M30302FAPFP Datasheet HTML 23Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 24Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 25Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 26Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 27Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 28Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 29Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 30Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 27 of 53
REJ03B0088-0122
NOTES:
1.
Referenced to VCC1=4.5 to 5.5V, 3.0 to 3.6V at Topr = 0 to 60
°C (U3, U5) unless otherwise specified.
2.
Topr = -40 to 85
°C (U3) / -20 to 85 °C (U5).
Table 5.6
One Time Flash Version Electrical Characteristics (1)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
−
Program Endurance
1cycle
−
Word Program Time (VCC1=5.0V
)
50
500
μs
tPS
One Time Flash Memory Circuit Stabilization Wait Time
15
μs
−
Data Hold Time (4)
10
year
Table 5.7
One Time Flash Version Program Voltage and Read Operation Voltage Characteristics
Flash Program Voltage
Flash Read Operation Voltage
VCC1 = 3.3 ± 0.3 V or 5.0 ± 0.5 (Topr = 0°C to 60°C )
VCC1=2.7 to 5.5 V (Topr = -40°C to 85°C (U3)
-20
°C to 85°C (U5))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com