Electronic Components Datasheet Search
  English  ▼

X  

M30302FAPFP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M30302FAPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302FAPFP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M30302FAPFP Datasheet HTML 12Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 13Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 14Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 15Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 16Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 17Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 18Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 19Page - Renesas Technology Corp M30302FAPFP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
M16C/30P Group
2. Central Processing Unit (CPU)
Rev.1.22
Mar 30, 2007
Page 16 of 53
REJ03B0088-0122
2.8.8
Stack Pointer Select Flag (U Flag)
ISP is selected when the U flag is “0”; USP is selected when the U flag is “1”.
The U flag is cleared to “0” when a hardware interrupt request is accepted or an INT instruction for software
interrupt Nos. 0 to 31 is executed.
2.8.9
Processor Interrupt Priority Level (IPL)
IPL is configured with three bits, for specification of up to eight processor interrupt priority levels from level 0
to level 7.
If a requested interrupt has priority greater than IPL, the interrupt is enabled.
2.8.10
Reserved Area
When write to this bit, write “0”. When read, its content is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com