Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8622
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8622 Datasheet HTML 2Page - Analog Devices AD8622 Datasheet HTML 3Page - Analog Devices AD8622 Datasheet HTML 4Page - Analog Devices AD8622 Datasheet HTML 5Page - Analog Devices AD8622 Datasheet HTML 6Page - Analog Devices AD8622 Datasheet HTML 7Page - Analog Devices AD8622 Datasheet HTML 8Page - Analog Devices AD8622 Datasheet HTML 9Page - Analog Devices AD8622 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ADA4096-2/ADA4096-4
Data Sheet
Rev. G | Page 6 of 25
ELECTRICAL SPECIFICATIONS, VSY = ±15 V
VSY = ±15 V, VCM = VSY/2, VO = 0.0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
35
300
µV
−40°C ≤ TA ≤ +125°C
500
µV
Offset Voltage Drift
∆VOS/∆T
1
µV/°C
Input Bias Current
IB
±3
±25
nA
−40°C ≤ TA ≤ +125°C
±30
nA
Input Offset Current
IOS
±0.1
±1.5
nA
−40°C ≤ TA ≤ +125°C
±3
nA
Input Voltage Range
−15
+15
V
Common-Mode Rejection Ratio
CMRR
VCM = −15 V to +15 V
81
95
dB
−40°C ≤ TA ≤ +125°C
75
dB
VCM = −13 V to +13 V
95
107
dB
−40°C ≤ TA ≤ +125°C
89
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = ±14.7 V
109
120
dB
−40°C ≤ TA ≤ +125°C
105
dB
RL = 2 kΩ, VO = ±11 V
99
112
dB
−40°C ≤ TA ≤ +125°C
90
dB
Input Capacitance
Differential Mode
CDM
2.5
pF
Common Mode
CCM
7
pF
MATCHING CHARACTERISTICS
Offset Voltage
TA = 25°C
100
300
µV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to GND
14.92
14.94
V
−40°C ≤ TA ≤ +125°C
14.90
V
RL = 2 kΩ to GND
14.0
14.3
V
−40°C ≤ TA ≤ +125°C
11.0
V
Output Voltage Low
VOL
RL = 10 kΩ to GND
−14.96
−14.80
V
−40°C ≤ TA ≤ +125°C
−14.75
V
RL = 2 kΩ to GND
−14.75
−14.60
V
−40°C ≤ TA ≤ +125°C
−14.0
V
Short-Circuit Limit
ISC
Source/sink
±10
mA
Closed-Loop Impedance
ZOUT
f = 100 kHz, AV = 1
40
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 3 V to 36 V
100
dB
−40°C ≤ TA ≤ +125°C
90
dB
Supply Current per Amplifier
ISY
VO = VSY/2
60
75
µA
−40°C ≤ TA ≤ +125°C
100
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 30 pF
0.4
V/µ
Settling Time
tS
To 0.1%, 10 V step
23.4
µs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 10 kΩ, AV = 100
786
kHz
Unity-Gain Crossover
UGC
VIN = 5 mV p-p, RL = 10 kΩ, AV = 1
800
kHz
Phase Margin
ΦM
60
Degrees
−3 dB Closed-Loop Bandwidth
f−3 dB
AV = 1, VIN = 5 mV p-p
1520
kHz
Channel Separation
CS
f = 1 kHz
100
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.7
µV p-p
Voltage Noise Density
en
f = 1 kHz
27
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com