Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8622
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8622 Datasheet HTML 15Page - Analog Devices AD8622 Datasheet HTML 16Page - Analog Devices AD8622 Datasheet HTML 17Page - Analog Devices AD8622 Datasheet HTML 18Page - Analog Devices AD8622 Datasheet HTML 19Page - Analog Devices AD8622 Datasheet HTML 20Page - Analog Devices AD8622 Datasheet HTML 21Page - Analog Devices AD8622 Datasheet HTML 22Page - Analog Devices AD8622 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADA4096-2/ADA4096-4
Rev. G | Page 19 of 25
COMPARATIVE VOLTAGE AND VARIABLE VOLTAGE GRAPHS
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–10
–8
–6
–4
–2
0
2
4
6
8
10
–0.4
TIME (s)
ADA4096-2
VSY = ±15V
TA = 25°C
Figure 47. Input Voltage Noise, 0.1 Hz to 10 Hz Bandwidth
–80
20
100
1k
10k
50k
–140
–130
–120
–110
–100
–90
FREQUENCY (Hz)
ADA4096-2
VSY = ±15V
TA = 25°C
2kΩ
10kΩ
1kΩ
VIN =
10V p-p
Figure 48. Channel Separation vs. Frequency
120
110
100
90
80
70
60
50
40
30
100
1k
10k
100k
1M
10M
20
FREQUENCY (Hz)
ADA4096-2
TA = 25°C
VSY = ±15V
VSY = ±1.5V
VSY = ±5V
Figure 49. CMRR vs. Frequency
70
60
50
40
30
20
10
0
36
32
28
24
20
16
12
8
4
0
SUPPLY VOLTAGE (V)
ADA4096-2
TA = 25°C
RL =
∞
Figure 50. Supply Current per Amplifier vs. Supply Voltage
100
0.1
1k
100
10
1
10
FREQUENCY (Hz)
ADA4096-2
VSY = ±15V
TA = 25°C
Figure 51. Voltage Noise Density (eN) vs. Frequency
50
0.01
1
0.1
0
10
20
30
40
CLOAD (nF)
ADA4096-2
VSY = ±15V
TA = 25°C
RL = 2kΩ
G = +1
VIN = 100mV p-p
OS–
OS+
Figure 52. Overshoot vs. Load Capacitance (CLOAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com