Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8622
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8622 Datasheet HTML 10Page - Analog Devices AD8622 Datasheet HTML 11Page - Analog Devices AD8622 Datasheet HTML 12Page - Analog Devices AD8622 Datasheet HTML 13Page - Analog Devices AD8622 Datasheet HTML 14Page - Analog Devices AD8622 Datasheet HTML 15Page - Analog Devices AD8622 Datasheet HTML 16Page - Analog Devices AD8622 Datasheet HTML 17Page - Analog Devices AD8622 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADA4096-2/ADA4096-4
Data Sheet
Rev. G | Page 14 of 25
50
40
30
20
10
0
–10
–20
–30
–40
10
100
1k
10k
100k
1M
10M
–50
FREQUENCY (Hz)
ADA4096-2
VSY = ±5V
TA = 25°C
G = +100
G = +10
G = +1
Figure 27. Closed-Loop Gain vs. Frequency
10k
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
10M
0.01
FREQUENCY (Hz)
ADA4096-2
VSY = ±5V
TA = 25°C
G = +100
G = +10
G = +1
Figure 28. Output Impedance (ZOUT) vs. Frequency.
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
–20
FREQUENCY (Hz)
ADA4096-2
VSY = ±5V
TA = 25°C
PSRR–
PSRR+
Figure 29. PSRR vs. Frequency
6
0
50
100
150
200
250
300
350
400
–6
–4
–2
0
2
4
TIME (µs)
ADA4096-2
VSY = ±5V
TA = 25°C
RL = 10kΩ
CL = 100pF
G = +1
Figure 30. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com