Electronic Components Datasheet Search
  English  ▼

X  

AD8622 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8622
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8622 Datasheet HTML 4Page - Analog Devices AD8622 Datasheet HTML 5Page - Analog Devices AD8622 Datasheet HTML 6Page - Analog Devices AD8622 Datasheet HTML 7Page - Analog Devices AD8622 Datasheet HTML 8Page - Analog Devices AD8622 Datasheet HTML 9Page - Analog Devices AD8622 Datasheet HTML 10Page - Analog Devices AD8622 Datasheet HTML 11Page - Analog Devices AD8622 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADA4096-2/ADA4096-4
Data Sheet
Rev. G | Page 8 of 25
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
OUTA
1
–INA
2
+INA
3
V–
4
V+
8
OUTB
7
–INB
6
+INB
5
ADA4096-2
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead, MSOP (RM-8), ADA4096-2
V+
OUTB
–INB
+INB
ADA4096-2
TOP VIEW
(Not to Scale)
3
+INA
4
V–
1
OUTA
2
–INA
6
5
8
7
NOTES
1. CONNECT THE EXPOSED PAD
TO V–.
Figure 5. 8-Lead LFCSP (CP-8-10), ADA4096-2
Table 7. Pin Function Descriptions, ADA4096-2
Pin No.1
Mnemonic
Description
8-Lead MSOP
8-Lead LFCSP
1
1
OUTA
Output Channel A.
2
2
−INA
Negative Input Channel A.
3
3
+INA
Positive Input Channel A.
4
4
V−
Negative Supply Voltage.
5
5
+INB
Positive Input Channel B.
6
6
−INB
Negative Input Channel B.
7
7
OUTB
Output Channel B.
8
8
V+
Positive Supply Voltage.
N/A
EP2
EPAD
Exposed Pad.2 For the ADA4096-2 (8-lead LFCSP only), connect the exposed pad to V−.
1
N/A means not applicable.
2
The exposed pad is not shown in the pin configuration diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com