Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7982
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7982 Datasheet HTML 5Page - Analog Devices AD7982 Datasheet HTML 6Page - Analog Devices AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADA4806-1
Rev. A | Page 9 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VOUT 1
NC
2
–VS 3
+VS
8
SHUTDOWN
NOTES
1. NC = NO CONNECTION. DO NOT CONNECT TO THIS PIN.
7
6
+IN
4
–IN
5
SLEEP
ADA4806-1
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Output.
2
NC
No Connection. Do not connect to this pin.
3
−VS
Negative Supply.
4
+IN
Noninverting Input.
5
−IN
Inverting Input.
6
SLEEP
Low Power Mode.
7
SHUTDOWN
Power-Down Mode.
8
+VS
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com