Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7982
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices AD7982 Datasheet HTML 19Page - Analog Devices AD7982 Datasheet HTML 20Page - Analog Devices AD7982 Datasheet HTML 21Page - Analog Devices AD7982 Datasheet HTML 22Page - Analog Devices AD7982 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADA4806-1
Rev. A | Page 19 of 24
Table 8 summarizes the threshold voltages for the
SHUTDOWN and SLEEP pins for various supplies. Table 9
shows the truth table for the SHUTDOWN and SLEEP pins.
Table 8. Threshold Voltages for Enabled Mode and
Shutdown/Sleep Modes
Mode
+3 V
+5 V
±5 V
+7 V/−2 V
Enabled
>+1.1 V
>+1.9 V
>−0.9 V
>+1.6 V
Shutdown/Sleep
Mode
<+0.7 V
<+1.5 V
<−1.3 V
<+1.2 V
Table 9. Truth Table for the SHUTDOWN and SLEEP Pins
SHUTDOWN
SLEEP
Operating State
Low
Low
Powered down
Low
High
Powered down
High
Low
Low power mode
High
High
Full power mode
NOISE CONSIDERATIONS
Figure 55 shows the primary noise contributors for the typical
gain configurations. The total output noise (vn_OUT) is the root
sum square of all the noise contributions.
RG
RS
in–
RF
Vn
4kTRS
Vn_RS =
4kTRG
Vn_RG =
Vn_RF =
+ Vn_OUT
4kTRF
in+
Figure 55. Noise Sources in Typical Connection
The output noise spectral density is calculated by
[
]
2
2
2
2
2
2
2
_
4
4
1
4
F
n
G
G
F
n
S
n
G
F
F
OUT
n
R
i
kTR
R
R
v
R
i
kTRs
R
R
kTR
v
−
+
+


+
+
+


+
+
=
where:
k is Boltzmann’s constant.
T is the absolute temperature in degrees Kelvin.
RF and RG are the feedback network resistances, as shown in
Figure 55.
RS is the source resistance, as shown in Figure 55.
in+ and in− represent the amplifier input current noise spectral
density in pA/√Hz.
vn is the amplifier input voltage noise spectral density in
nV/√Hz.
Source resistance noise, amplifier input voltage noise (vn), and
the voltage noise from the amplifier input current noise
(in+ × RS) are all subject to the noise gain term (1 + RF/RG).
Figure 56 shows the total referred to input (RTI) noise due to
the amplifier vs. the source resistance. Note that with a
5.9 nV/√Hz input voltage noise and 0.6 pA/√Hz input current
noise, the noise contributions of the amplifier are relatively
small for source resistances from approximately 2.6 kΩ to
47 kΩ.
The Analog Devices, Inc., silicon germanium (SiGe) bipolar
process makes it possible to achieve a low noise of 5.9 nV/√Hz
for the ADA4806-1. This noise is much improved compared to
similar low power amplifiers with a supply current in the range
of hundreds of microamperes.
1
10
100
1000
100
1k
10k
100k
1M
SOURCE RESIST
ANCE (Ω)
TOTAL NOISE
SOURCE RESISTANCE NOISE
AMPLIFIER NOISE
SOURCE RESIST
ANCE = 2.6kΩ
SOURCE RESIST
ANCE = 47kΩ
Figure 56. RTI Noise vs. Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com