Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7982
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADA4806-1
Rev. A | Page 11 of 24
–12
–9
–6
–3
0
3
6
9
12
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
G = +1
RL = 2kΩ
VOUT = 20mV p-p
CL = 15pF
CL = 10pF
CL = 5pF
CL = 0pF
CL = 15pF
RS = 226Ω
Figure 11. Small Signal Frequency Response for Various Capacitive Loads
(See Figure 47)
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
1
10
100
1000
FREQUENCY (kHz)
HD2, G = +1
VS = ±5V, VOUT = 4V p-p
HD2, G = +2
HD3, G = +1
HD3, G = +2
Figure 12. Distortion vs. Frequency for Various Gains
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT VOLTAGE (V peak)
INPUT COMMON-MODE
VOLTAGE UPPER LIMIT
(+VS – 1V)
VS = ±2.5V
VIN, CM = 0V
G = +1
RL = 2kΩ
VIN = 1MHz
VIN = 100kHz
VIN = 10kHz
Figure 13. Total Harmonic Distortion vs. Output Voltage For Various
Frequencies
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
G = +1
RL = 2kΩ
VOUT = 20mV p-p
Figure 14. Small Signal 0.1 dB Bandwidth
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
1
10
100
1000
FREQUENCY (kHz)
HD3 VS = +2V/–1V
HD3 VS = ±5V
HD3 VS = ±2.5V
HD2 VS = +2V/–1V
HD2 VS = ±5V
HD2 VS = ±2.5V
VS = ±5V, VOUT = 2V p-p
VS = ±2.5V, VOUT = 2V p-p
VS = +2V/–1V, VOUT = 1V p-p
Figure 15. Distortion vs. Frequency for Various Supplies, G = +1
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
1
10
100
1000
FREQUENCY (kHz)
HD2 VS = ±2.5V
HD2 VS = +2V/–1V
HD3 VS = +2V/–1V
HD3 VS = ±2.5V
HD2 VS = ±5V
HD3 VS = ±5V
VS = ±5V, VOUT = 4V p-p
VS = ±2.5V, VOUT = 4V p-p
VS = +2V/–1V, VOUT = 1V p-p
Figure 16. Distortion vs. Frequency, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com