Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7982
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4806-1
Data Sheet
Rev. A | Page 14 of 24
–15
–10
–5
0
5
10
15
0
50
100
150
200
250
300
TIME (ns)
G = +1
VOUT = 20mV p-p
VS = ±5V
VS = ±1.5V
VS = ±2.5V
Figure 29. Small Signal Transient Response for Various Supplies
0
100
200
300
400
500
TIME (ns)
600
700
800
900
1000
–3
–4
–2
–1
0
1
2
3
4
VS = ±2.5V
G = +1
VIN
VOUT
Figure 30. Input Overdrive Recovery Time
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
–0.5
0.5
1.5
1.0
2.0
VS = ±2.5V
G = +1
RL = 2kΩ
+125°C
+25°C
–40°C
Figure 31. Turn-On Response Time from Shutdown for Various Temperatures
(See Figure 50)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
50
100
150
200
250
350
300
TIME (ns)
VS = ±1.5V, VIN, CM = –0.5V, VOUT = 1V p-p
VS = ±2.5V, VIN, CM = 0V, VOUT = 2V p-p
VS = ±5V, VIN, CM = 0V, VOUT = 2V p-p
G = +1
Figure 32. Large Signal Transient Response for Various Supplies
–5
–4
–3
–2
–1
0
1
2
3
4
5
VS = ±2.5V
G = +2
2×VIN
VOUT
0
100
200
300
400
500
TIME (ns)
600
700
800
900
1000
Figure 33. Output Overdrive Recovery Time
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–0.25
0
0.25
0.50
0.75
+125°C
+25°C
–40°C
VS = ±2.5V
G = +1
RL = 2kΩ
Figure 34. Turn-On Response Time from Sleep for Various Temperatures
(See Figure 50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com