Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8629
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 5 Page - Analog Devices

  AD8629 Datasheet HTML 1Page - Analog Devices AD8629 Datasheet HTML 2Page - Analog Devices AD8629 Datasheet HTML 3Page - Analog Devices AD8629 Datasheet HTML 4Page - Analog Devices AD8629 Datasheet HTML 5Page - Analog Devices AD8629 Datasheet HTML 6Page - Analog Devices AD8629 Datasheet HTML 7Page - Analog Devices AD8629 Datasheet HTML 8Page - Analog Devices AD8629 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 5 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.2 V to 5.5 V
130
150
dB
−40°C ≤ TA ≤ +125°C
127
dB
Supply Current per Amplifier
ISY
IO = 0 mA
1.5
1.8
mA
−40°C ≤ TA ≤ +125°C
2.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 100 pF, AV = +1
0.5
V/μs
Settling Time to 0.1%
tS
VIN = 4 V step, RL = 10 kΩ, CL = 100 pF, AV = −1
10
µs
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +1
4
MHz
Phase Margin
ΦM
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +1
57
Degrees
Gain Bandwidth Product
GBP
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +100
3.4
MHz
−3 dB Closed-Loop Bandwidth
f−3dB
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +1
6.5
MHz
Overload Recovery Time
RL = 10 kΩ, CL = 100 pF, AV = −10
50
μs
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz, AV = +100
99
nV p-p
Voltage Noise Density
en
f = 1 kHz, AV = +100
5.9
nV/√Hz
f = 1 kHz, AV = +100, VCM = 4.5 V
5.3
nV/√Hz
Current Noise
in p-p
f = 0.1 Hz to 10 Hz, AV = +100
10
pA p-p
Current Noise Density
in
f = 1 kHz, AV = +100
0.5
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com