Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8629
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 1 Page - Analog Devices

  AD8629 Datasheet HTML 1Page - Analog Devices AD8629 Datasheet HTML 2Page - Analog Devices AD8629 Datasheet HTML 3Page - Analog Devices AD8629 Datasheet HTML 4Page - Analog Devices AD8629 Datasheet HTML 5Page - Analog Devices AD8629 Datasheet HTML 6Page - Analog Devices AD8629 Datasheet HTML 7Page - Analog Devices AD8629 Datasheet HTML 8Page - Analog Devices AD8629 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision, Ultralow Noise, RRIO,
Zero-Drift Op Amp
Data Sheet
ADA4528-1/ADA4528-2
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 2.5 µV maximum
Low offset voltage drift: 0.015 μV/°C maximum
Low noise
5.6 nV/√Hz at f = 1 kHz, AV = +100
97 nV p-p at f = 0.1 Hz to 10 Hz, AV = +100
Open-loop gain: 130 dB minimum
CMRR: 135 dB minimum
PSRR: 130 dB minimum
Unity-gain crossover: 4 MHz
Gain bandwidth product: 3 MHz at AV = +100
−3 dB closed-loop bandwidth: 6.2 MHz
Single-supply operation: 2.2 V to 5.5 V
Dual-supply operation: ±1.1 V to ±2.75 V
Rail-to-rail input and output
Unity-gain stable
APPLICATIONS
Thermocouple/thermopile
Load cell and bridge transducers
Precision instrumentation
Electronic scales
Medical instrumentation
Handheld test equipment
GENERAL DESCRIPTION
The ADA4528-1/ADA4528-2 are ultralow noise, zero-drift
operational amplifiers featuring rail-to-rail input and output
swing. With an offset voltage of 2.5 μV, offset voltage drift of
0.015 μV/°C, and typical noise of 97 nV p-p (0.1 Hz to 10 Hz,
AV = +100), the ADA4528-1/ADA4528-2 are well suited for
applications in which error sources cannot be tolerated.
TheADA4528-1/ADA4528-2 have a wide operating supply range
of 2.2 V to 5.5 V, high gain, and excellent CMRR and PSRR specifi-
cations, which make it ideal for applications that require precision
amplification of low level signals, such as position and pressure
sensors, strain gages, and medical instrumentation.
The ADA4528-1/ADA4528-2 are specified over the extended
industrial temperature range (−40°C to +125°C). TheADA4528-1
andADA4528-2 are available in 8-lead MSOP and 8-lead LFCSP
packages.
For more information about the ADA4528-1/ADA4528-2,
see the AN-1114 Application Note, Lowest Noise Zero-Drift
Amplifier Has 5.6 nV/√Hz Voltage Noise Density.
PIN CONNECTION DIAGRAMS
NIC
1
–IN
2
+IN
3
V–
4
NIC
8
V+
7
OUT
6
NIC
5
NOTES
1. NIC = NO INTERNAL CONNECTION.
ADA4528-1
TOP VIEW
(Not to Scale)
Figure 1. ADA4528-1 Pin Configuration, 8-Lead MSOP
ADA4528-1
TOP VIEW
(Not to Scale)
3
+IN
4
V–
1
NIC
2
–IN
6 OUT
5 NIC
8 NIC
7 V+
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. CONNECT THE EXPOSED PAD TO
V– OR LEAVE IT UNCONNECTED.
Figure 2. ADA4528-1 Pin Configuration, 8-Lead LFCSP
For ADA4528-2 pin connections and for more information about
the pin connections for these products, see the Pin Configurations
and Function Descriptions section.
1
10
100
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
VCM = VSY/2
AV = 1
Figure 3. Voltage Noise Density vs. Frequency
Table 1. Analog Devices, Inc., Zero-Drift Op Amp Portfolio1
Type
Ultralow
Noise
Micropower
(<20 µA)
Low
Power
(<1 mA)
16 V
Operating
Voltage
30 V
Operating
Voltage
Single
ADA4528-1 ADA4051-1 AD8628 AD8638
ADA4638-1
AD8538
Dual
ADA4528-2 ADA4051-2 AD8629 AD8639
AD8539
Quad
AD8630
1
See www.analog.com for the latest selection of zero-drift operational amplifiers.


Similar Part No. - AD8629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629 AD-AD8629 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8629 AD-AD8629 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8629 AD-AD8629 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8629 AD-AD8629 Datasheet
879Kb / 24P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
AD8629 AD-AD8629 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
More results

Similar Description - AD8629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
December 22, 2011
logo
Analog Devices
AD707CH AD-AD707CH Datasheet
268Kb / 8P
Ultralow Drift Op Amp
REV. B
AD707 AD-AD707_15 Datasheet
329Kb / 8P
Ultralow Drift Op Amp
REV. B
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
3PEAK INC.
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
TP5591 3PEAK-TP5591 Datasheet
1Mb / 15P
Low Noise, 1.8V, 3.3MHz, RRIO, Zero Drift Op-amps
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com