Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8629
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8629 Datasheet HTML 8Page - Analog Devices AD8629 Datasheet HTML 9Page - Analog Devices AD8629 Datasheet HTML 10Page - Analog Devices AD8629 Datasheet HTML 11Page - Analog Devices AD8629 Datasheet HTML 12Page - Analog Devices AD8629 Datasheet HTML 13Page - Analog Devices AD8629 Datasheet HTML 14Page - Analog Devices AD8629 Datasheet HTML 15Page - Analog Devices AD8629 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 12 of 24
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VSY (V)
+125°C
–40°C
+85°C
+25°C
Figure 26. Supply Current vs. Supply Voltage
–90
–45
0
45
90
135
–30
0
30
60
90
120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 2.5V
RL = 10kΩ
CL = 100pF
PHASE
GAIN
Figure 27. Open-Loop Gain and Phase vs. Frequency
–20
–10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 100
VSY = 2.5V
AV = 10
AV = 1
Figure 28. Closed-Loop Gain vs. Frequency
1.0
1.2
1.4
1.6
1.8
2.0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 5.0V
VSY = 2.5V
Figure 29. Supply Current vs. Temperature
–90
–45
0
45
90
135
–30
0
30
60
90
120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 5V
RL = 10kΩ
CL = 100pF
PHASE
GAIN
Figure 30. Open-Loop Gain and Phase vs. Frequency
–20
–10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 100
VSY = 5V
AV = 10
AV = 1
Figure 31. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com