Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8629
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8629 Datasheet HTML 6Page - Analog Devices AD8629 Datasheet HTML 7Page - Analog Devices AD8629 Datasheet HTML 8Page - Analog Devices AD8629 Datasheet HTML 9Page - Analog Devices AD8629 Datasheet HTML 10Page - Analog Devices AD8629 Datasheet HTML 11Page - Analog Devices AD8629 Datasheet HTML 12Page - Analog Devices AD8629 Datasheet HTML 13Page - Analog Devices AD8629 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 10 of 24
–400
–300
–100
–200
0
200
300
100
400
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
IB+
IB–
VSY = 2.5V
VCM = VSY/2
Figure 14. Input Bias Current vs. Temperature
–600
–400
–200
0
200
400
600
0
0.5
1.0
1.5
2.0
2.5
VCM (V)
+25°C
+125°C
+85°C
–40°C
VSY = 2.5V
Figure 15. Input Bias Current vs. Common-Mode Voltage
0.001
100
0.01
0.1
1
10
LOAD CURRENT (mA)
VSY = 2.5V
–40°C
+25°C
+85°C
+125°C
10
1
100m
10m
1m
0.1m
Figure 16. Output Voltage (VOL) to Supply Rail vs. Load Current
–400
–300
–100
–200
0
200
300
100
400
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
IB+
IB–
VSY = 5V
VCM = VSY/2
Figure 17. Input Bias Current vs. Temperature
–800
–600
–400
–200
0
200
400
600
0
1
2
3
4
5
VCM (V)
+125°C
VSY = 5V
+25°C
+85°C
–40°C
Figure 18. Input Bias Current vs. Common-Mode Voltage
0.001
100
0.01
0.1
1
10
LOAD CURRENT (mA)
VS = 5V
–40°C
+25°C
+85°C
+125°C
10
1
100m
10m
1m
0.1m
Figure 19. Output Voltage (VOL) to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com