Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 4 Page - Analog Devices

Part # AD822
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 4 Page - Analog Devices

  AD822 Datasheet HTML 1Page - Analog Devices AD822 Datasheet HTML 2Page - Analog Devices AD822 Datasheet HTML 3Page - Analog Devices AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. I | Page 4 of 27
SPECIFICATIONS
VSY = ±5 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
B Grade (ADA4610-1/ADA4610-2)
0.2
0.4
mV
−40°C < TA < +125°C
0.8
mV
A Grade
0.4
1
mV
−40°C < TA < +125°C
1.8
mV
Offset Voltage Drift
ΔVOS/ΔT
B Grade (ADA4610-1/ADA4610-2)1
0.5
2
µV/°C
A Grade1 (SOIC, MSOP, LFCSP)
1
8
µV/°C
A Grade1 (SOT-23)
1
12
µV/°C
Input Bias Current
IB
5
25
pA
−40°C < TA < +125°C
1.5
nA
Input Offset Current
IOS
2
20
pA
−40°C < TA < +125°C
0.25
nA
Input Voltage Range
−2.5
+2.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −2.5 V to +2.5 V
94
110
dB
−40°C < TA < +125°C
86
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VOUT = −3.5 V to +3.5 V
ADA4610-2
98
100
dB
−40°C < TA < +125°C
86
dB
ADA4610-1/ADA4610-4
96
98
dB
−40°C < TA < +125°C
84
dB
Input Capacitance
VCM = 0 V
Differential
3.1
pF
Common-Mode
4.8
pF
Input Resistance
VCM = 0 V
>1013
Ω
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ
4.85
4.90
V
−40°C < TA < +125°C
4.60
V
RL = 600 Ω
4.60
4.89
V
−40°C < TA < +125°C
4.05
V
Output Voltage Low
VOL
RL = 2 kΩ
−4.95
−4.90
V
−40°C < TA < +125°C
−4.75
V
RL = 600 Ω
−4.90
−4.80
V
−40°C < TA < +125°C
−4.40
V
Short-Circuit Current
ISC
±63
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±4.5 V to ±18 V
ADA4610-2
106
125
dB
−40°C < TA < +125°C
103
dB
ADA4610-1/ADA4610-4
104
117
dB
−40°C < TA < +125°C
100
dB
Supply Current per Amplifier
ISY
IOUT = 0 mA
1.50
1.70
mA
−40°C < TA < +125°C
1.85
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com