Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 1 Page - Analog Devices

Part # AD822
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 1 Page - Analog Devices

  AD822 Datasheet HTML 1Page - Analog Devices AD822 Datasheet HTML 2Page - Analog Devices AD822 Datasheet HTML 3Page - Analog Devices AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Low Noise, Precision, Rail-to-Rail Output,
JFET Single/Dual/Quad Op Amps
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage
B grade: 0.4 mV maximum (ADA4610-1/ADA4610-2 only)
A grade: 1 mV maximum
Low offset voltage drift
B grade: 2 µV/°C maximum (ADA4610-1/ADA4610-2 only)
A grade: 8 µV/°C maximum (SOIC, MSOP, LFCSP packages)
Low input bias current: 5 pA typical
Dual-supply operation: ±5 V to ±15 V
Low voltage noise: 0.45 µV p-p at 0.1 Hz to 10 Hz
Voltage noise density: 7.30 nV/√Hz at f = 1 kHz
Low THD + N: 0.00025%
No phase reversal
Rail-to-rail output
Unity-gain stable
Long-term offset voltage drift (10,000 hours): 5 µV typical
Temperature hysteresis: 8 µV typical
APPLICATIONS
Instrumentation
Medical instruments
Multipole filters
Precision current measurement
Photodiode amplifiers
Sensors
Audio
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 1. ADA4610-2 8-Lead SOIC (R Suffix); for Additional Packages and
Models, See the Pin Configurations and Function Descriptions Section
GENERAL DESCRIPTION
The ADA4610-1/ADA4610-2/ADA4610-4 are precision junction
field effect transistor (JFET) amplifiers that feature low input noise
voltage, current noise, offset voltage, input bias current, and rail-to-
rail output. The ADA4610-1 is a single amplifier, the ADA4610-2 is
a dual amplifier, and the ADA4610-4 is a quad amplifier.
The combination of low offset, noise, and very low input bias
current makes these amplifiers especially suitable for high
impedance sensor amplification and precise current measurements
using shunts. With excellent dc precision, low noise, and fast
settling time, the ADA4610-1/ADA4610-2/ADA4610-4 provide
superior accuracy in medical instruments, electronic measurement,
and automated test equipment. Unlike many competitive
amplifiers, the ADA4610-1/ADA4610-2/ADA4610-4 maintain
fast settling performance with substantial capacitive loads. Unlike
many older JFET amplifiers, the ADA4610-1/ADA4610-2/
ADA4610-4 do not suffer from output phase reversal when input
voltages exceed the maximum common-mode voltage range.
The fast slew rate and great stability with capacitive loads make
the ADA4610-1/ADA4610-2/ADA4610-4 ideal for high
performance filters. Low input bias currents, low offset, and low
noise result in a wide dynamic range for photodiode amplifier
circuits. Low noise and distortion, high output current, and
excellent speed make the ADA4610-1/ADA4610-2/ ADA4610-4
great choices for audio applications.
The ADA4610-1/ADA4610-2/ADA4610-4 are specified over
the −40°C to +125°C extended industrial temperature range.
The ADA4610-1 is available in an 8-lead SOIC package and in a
5-lead SOT-23 package. The ADA4610-2 is available in 8-lead
SOIC, 8-lead MSOP, and 8-lead LFCSP packages. The ADA4610-4
is available in a 14-lead SOIC package and in a 16-lead LFCSP.
Table 1. Related Precision JFET Operational Amplifiers
Single
Dual
Quad
AD8510
AD8512
AD8513
AD8610
AD8620
Not applicable
AD820
AD822
AD824
ADA4627-1/ADA4637-1
Not applicable
Not applicable
Not applicable
ADA4001-2
Not applicable


Similar Part No. - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
320Kb / 16P
Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV.A
AD822 AD-AD822 Datasheet
595Kb / 28P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822 AD-AD822 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD822 AD-AD822 Datasheet
523Kb / 24P
Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. J
logo
List of Unclassifed Man...
AD822-00 ETC2-AD822-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
More results

Similar Description - AD822

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com