Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 19 Page - Analog Devices

Part # AD822
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD822 Datasheet HTML 15Page - Analog Devices AD822 Datasheet HTML 16Page - Analog Devices AD822 Datasheet HTML 17Page - Analog Devices AD822 Datasheet HTML 18Page - Analog Devices AD822 Datasheet HTML 19Page - Analog Devices AD822 Datasheet HTML 20Page - Analog Devices AD822 Datasheet HTML 21Page - Analog Devices AD822 Datasheet HTML 22Page - Analog Devices AD822 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 19 of 27
–3
–2
–1
0
1
2
3
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TIME (µs)
VSY = ±5V
VIN = ±2V
AV = +1
RL = 2kΩ
CL = 100pF
OUTPUT
INPUT
Figure 55. Positive and Negative Slew Rate (VSY = ±5 V, AV = 1, RL = 2 kΩ)
–15
–10
–5
0
5
10
15
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
TIME (µs)
VIN
VOUT
VSY = ±15V
VIN = ±10V
AV = +1
RL = 2kΩ
CL = 100 pF
Figure 56. Positive and Negative Slew Rate (VSY = ±15 V, AV = 1, RL = 2 kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com