Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 17 Page - Analog Devices

Part # AD822
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices AD822 Datasheet HTML 15Page - Analog Devices AD822 Datasheet HTML 16Page - Analog Devices AD822 Datasheet HTML 17Page - Analog Devices AD822 Datasheet HTML 18Page - Analog Devices AD822 Datasheet HTML 19Page - Analog Devices AD822 Datasheet HTML 20Page - Analog Devices AD822 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 17 of 27
COMPARATIVE VOLTAGE AND VARIABLE VOLTAGE GRAPHS
0.00001
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
AMPLITUDE (V rms)
VSY = ±5V
RL = 2kΩ
fIN = 1kHz
80kHz FILTER
Figure 43. THD + N vs. Amplitude, VSY = ±5 V
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
80kHz BAND-PASS FILTER
500kHz BAND-PASS FILTER
VSY = ±5V
VIN = 1.5V rms
Figure 44. THD + N vs. Frequency, VSY = ±5 V
–60
–80
–120
–140
–160
–100
–40
100
1k
10k
100k
FREQUENCY (Hz)
Figure 45. Channel Separation vs. Frequency
0.1
0.01
0.001
1
10
AMPLITUDE (V rms)
0.00001
0.0001
0.001
0.01
0.1
1
10
VSY = ±15V
RL = 2kΩ
fIN = 1kHz
80kHz FILTER
Figure 46. THD + N vs. Amplitude, VSY = ±15 V
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
VIN = 5V rms
80kHz BAND-PASS FILTER
500kHz BAND-PASS FILTER
Figure 47. THD + N vs. Frequency, VSY = ±15 V
16
12
8
4
0
–4
–8
–12
–16
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TIME (ms)
OUTPUT
INPUT
Figure 48. No Phase Reversal, VSY = ±15 V, AV = +1, RL = 2 kΩ, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com