Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5565
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 5Page - Analog Devices ADL5565 Datasheet HTML 6Page - Analog Devices ADL5565 Datasheet HTML 7Page - Analog Devices ADL5565 Datasheet HTML 8Page - Analog Devices ADL5565 Datasheet HTML 9Page - Analog Devices ADL5565 Datasheet HTML 10Page - Analog Devices ADL5565 Datasheet HTML 11Page - Analog Devices ADL5565 Datasheet HTML 12Page - Analog Devices ADL5565 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
ADL5565
Rev. G | Page 9 of 26
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Output Voltage Swing × Bandwidth Product
2000 V p-p MHz
Supply Voltage, VCC
5.25 V
VIPx, VINx
VCC + 0.5 V
±IOUT Maximum
30 mA
Internal Power Dissipation
525 mW
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +100°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 4 lists the junction-to-air thermal resistance (θJA) and the
junction-to-paddle thermal resistance (θJC) for the ADL5565.
Table 4. Thermal Resistance
Package Type
θJA1
θJC2
Unit
16-Lead LFCSP
60
12
°C/W
1
Measured on Analog Devices evaluation board. For more information about
board layout, see the Soldering Information and Recommended PCB Land
Pattern section.
2
Based on simulation with JEDEC standard JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com