Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5565
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 18Page - Analog Devices ADL5565 Datasheet HTML 19Page - Analog Devices ADL5565 Datasheet HTML 20Page - Analog Devices ADL5565 Datasheet HTML 21Page - Analog Devices ADL5565 Datasheet HTML 22Page - Analog Devices ADL5565 Datasheet HTML 23Page - Analog Devices ADL5565 Datasheet HTML 24Page - Analog Devices ADL5565 Datasheet HTML 25Page - Analog Devices ADL5565 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ADL5565
Data Sheet
Rev. G | Page 24 of 26
C3
10µF
C4
0.1µF
C5
0.1µF
C6
0.1µF
C7
0.1µF
C8
0.1µF
C13
OPEN
C11
0.1µF
VPOS
R9
34.8
Ω
R11
OPEN
R15
OPEN
R14
0
Ω
J3
R10
34.8
Ω
R8
84.5
Ω
C10
0.01µF
C9
0.01µF
P1
T2
VCOM
AGND
VPOS
GND
R7
84.5
Ω
ENBL
J4
OPEN
R12
OPEN
R13
0
Ω
J2
OPEN
ADL5565
9
10
11
12
4
3
2
1
16
15
14
13
5
6
7
8
GND
GND
GND
GND
VCC
VIN1
VIN2
VIP2
VIP1
VON
VCOM
ENBL
VOP
VCC
VCC
VCC
C12
OPEN
J1
T1
R1
OPEN
R2
OPEN
R4
0
Ω
R3
0
Ω
R5
0
Ω
R6
0
Ω
C1
0.01µF
C2
0.01µF
Figure 45. Evaluation Board Schematic
Table 16. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and supply vector pins.
VPOS, GND = installed
C3, C4, C5,
C6, C7, C11
Power supply decoupling. The supply decoupling consists of a 10 µF capacitor (C3) to
ground. C4 to C7 are bypass capacitors. C11 ac couples VREF to ground.
C3 = 10 µF (Size D),
C4, C5, C6, C7, C11 = 0.1 µF (Size 0402)
J1, J2, R1, R2,
R3, R4, R5, R6,
R12, R13, C1,
C2, C12, T1
Input interface. The SMA labeled J1 is the input. T1 is a 1-to-1 impedance ratio balun
to transform a single-ended input into a balanced differential signal. Removing R13,
installing R12 (0 Ω), and installing an SMA connector (J2) allows driving from a
differential source. C1 and C2 provide ac coupling. C12 is a bypass capacitor. R1 and
R2 provide a differential 50 Ω input termination. R3 to R6 are used to select the input
for the pin-strappable gain. The maximum gain is R3, R4, R5, R6 = 0 Ω and R1 and R2 =
open. The middle gain is R5 and R6 = 0 Ω, R3 and R4 = open, and R1 and R2 = 50 Ω. The
minimum gain is R3 and R4 = 0 Ω, R5 and R6 = open, and R1 and R2 = 33.2 Ω.
J1 = installed, J2 = not installed,
R1, R2 = open,
R3, R4, R5, R6, R13 = 0 Ω (Size 0402),
R12, = open,
C1, C2 = 0.01 µF (Size 0402),
C12 = open,
T1 = ETC1-1-13 (M/A-COM)
J3, J4, R7, R8,
R9, R10, R11,
R14, R15 C9,
C10, C13, T2
Output interface. The SMA labeled J3 is the output. T2 is a 1-to-1 impedance ratio balun
to transform a balanced differential signal to a single-ended signal. Removing R14,
installing R15 (0 Ω), and installing an SMA connector (J4) allows differential loading. C13 is
a bypass capacitor. R7, R8, R9, and R10 are provided for generic placement of matching
components. The evaluation board is configured to provide a 200 Ω to 50 Ω impedance
transformation with an insertion loss of 17 dB. C9 and C10 provide ac coupling.
J3 = installed, J4 = not installed,
R7, R8 = 84.5 Ω (Size 0402),
R9, R10 = 34.8 Ω (Size 0402),
R11, R15 = open (Size 0402),
R14 = 0 Ω (Size 0402)
C9, C10 = 0.01 µF (Size 0402),
C13 = open
T2 = ETC1-1-13 (M/A-COM)
ENBL, P1, C8
Device enabled. C8 is a bypass capacitor. When the P1 jumper is set toward the VPOS label,
the ENBL pin is connected to the supply, enabling the device. In the opposite direction,
toward the GND label, the ENBL pin is grounded, putting the device in power-down mode.
ENBL, P1 = installed,
C8 = 0.1 µF (Size 0402)
Table 17. Differential Values for Figure 45
Gain (dB)
R1 (Ω)
R2 (Ω)
6
29
29
12
33
33
15.5
Open
Open
Table 18. Alternative Differential Input Configuration for Figure 45
Gain (dB)
R1 and R2 (Ω)
C12 (µF)
C1 and C2 (Ω)
T1
6
Open
0.1
0
Mini Circuits TC4-1W+
12
Open
0.1
0
Mini Circuits TC2-1T+
15.5
Open
0.1
0
Mini Circuits TC1.5-52T+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com