Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5565
Description  6 GHz, Ultrahigh Dynamic Range Differential Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 16Page - Analog Devices ADL5565 Datasheet HTML 17Page - Analog Devices ADL5565 Datasheet HTML 18Page - Analog Devices ADL5565 Datasheet HTML 19Page - Analog Devices ADL5565 Datasheet HTML 20Page - Analog Devices ADL5565 Datasheet HTML 21Page - Analog Devices ADL5565 Datasheet HTML 22Page - Analog Devices ADL5565 Datasheet HTML 23Page - Analog Devices ADL5565 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ADL5565
Data Sheet
Rev. G | Page 20 of 26
ADC INTERFACING
The ADL5565 is a high output linearity amplifier that is optimized
for ADC interfacing. There are several options available to the
designer when using the ADL5565. Figure 40 uses a wideband
1:1 transmission line balun followed by two 40 Ω resistors in
parallel with the three input impedances (which change with
the gain selection of the ADL5565) to provide a 50 Ω
differential impedance and provides a wideband match to a
50 Ω source. The ADL5565 is ac-coupled from the AD9467 to
avoid common-mode dc loading. The 33 Ω resistors improve the
isolation between the ADL5565 and any switching currents
present at the analog-to-digital, sample-and-hold circuitry. The
AD9467 input presents a 530 Ω differential load impedance and
requires a 2 V to 2.5 V differential input swing to reach full scale
(VREF = 1 V to 1.25 V). This circuit provides variable gain,
isolation, and source matching for the AD9467.
Applying a full-scale, single-tone signal from the ADL5565, an
SFDR of 91.9 dBc is realized (see Figure 37). Applying two half-
scale signals from the ADL5565 in a gain of 6 dB, an SFDR of
86.4 dBc is achieved at 100 MHz (see Figure 38). The bandwidth
of the circuit in Figure 40 is shown in Figure 39.
0
15
0
30
45
60
75
90
105
120
GAIN = 6dB
SNR = 69.42dBc
SFDR = 91.9dBc
SECOND = –95.5dBc
THIRD = –96.5dBc
NOISE FLOOR = –115.6dB
FREQUENCY (MHz)
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
Figure 37. Measured Single-Tone Performance of the
Circuit in Figure 40 for a 100 MHz Input Signal
2F2 – F1
2F1 – F2
F1 – F2
2F2 – F1
2F1 + F2
F1 + F2
0
15
0
30
45
60
75
90
105
120
FUNDAMENTAL1 = –7.034dBFS
FUNDAMENTAL2 = –7.053dBFS
IMD (2f1 – f2) = –90.677dBc
IMD (2f2 + f1) = –92.101dBc
NOISE FLOOR = –115.2dB
FREQUENCY (MHz)
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
Figure 38. Measured Two-Tone Performance of the Circuit in Figure 40 for a
100 MHz and 102 MHz Input Signals
–
5
–
4
–
3
–
2
–
1
0
0
100
200
300
400
500
FREQUENCY (MHz)
Figure 39. Measured Frequency Response of the Wideband
ADC Interface Depicted in Figure 40
The wideband frequency response is an advantage in broad-
band applications, such as predistortion receiver designs and
instrumentation applications. However, by designing for a wide
analog input frequency range, the cascaded SNR performance is
somewhat degraded due to high frequency noise aliasing into
the wanted Nyquist zone.
0.1µF
40Ω
50Ω
AC
0.1
µF
ETC1-1-13
VIN1
VIP1
VIP2
A
B
VIN2
40Ω
ADL5565
0.1µF
0.1
µF
33Ω
VOP
VON
33Ω
AD9467
16-BIT ADC
16
VIN+
VIN–
Figure 40. Wideband ADC Interfacing Example Featuring the AD9467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com