Electronic Components Datasheet Search
  English  ▼

X  

AD8624 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8624
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 4 Page - Analog Devices

  AD8624 Datasheet HTML 1Page - Analog Devices AD8624 Datasheet HTML 2Page - Analog Devices AD8624 Datasheet HTML 3Page - Analog Devices AD8624 Datasheet HTML 4Page - Analog Devices AD8624 Datasheet HTML 5Page - Analog Devices AD8624 Datasheet HTML 6Page - Analog Devices AD8624 Datasheet HTML 7Page - Analog Devices AD8624 Datasheet HTML 8Page - Analog Devices AD8624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD704
Rev. E | Page 4 of 16
AD704J/A
Parameters
Conditions
Min
Typ
Max
Unit
OPEN-LOOP GAIN
VO = ±12 V
RLOAD = 10 kΩ
200
2000
V/mV
TMIN − TMAX
150
1500
V/mV
VO = ±10 V
RLOAD = 2 kΩ
200
1000
V/mV
TMIN − TMAX
150
1000
V/mV
OUTPUT CHARACTERISTICS
Voltage Swing
RLOAD = 10 kΩ
V
TMIN − TMAX
±13
±14
Current
Short circuit
±15
mA
CAPACITIVE LOAD
Drive Capability
Gain = 1
10,000
pF
POWER SUPPLY
Rated Performance
±15
V
Operating Range
±2.0
±18
V
Quiescent Current
1.5
2.4
mA
TMIN − TMAX
1.6
2.6
mA
TRANSISTOR COUNT
Number of transistors
180
1
Bias current specifications are guaranteed maximum at either input.
2
Input bias current match is the maximum difference between corresponding inputs of all four amplifiers.
3
CMRR match is the difference of ΔVOS/ΔVCM between any two amplifiers, expressed in dB.
4
PSRR match is the difference between ΔVOS/ΔVSUPPLY for any two amplifiers, expressed in dB.
5
See Figure 5 for test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com