Electronic Components Datasheet Search
  English  ▼

X  

AD8624 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8624
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 5 Page - Analog Devices

  AD8624 Datasheet HTML 1Page - Analog Devices AD8624 Datasheet HTML 2Page - Analog Devices AD8624 Datasheet HTML 3Page - Analog Devices AD8624 Datasheet HTML 4Page - Analog Devices AD8624 Datasheet HTML 5Page - Analog Devices AD8624 Datasheet HTML 6Page - Analog Devices AD8624 Datasheet HTML 7Page - Analog Devices AD8624 Datasheet HTML 8Page - Analog Devices AD8624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD704
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation (25°C)1
Input Voltage
±VS
Differential Input Voltage2
±0.7 V
Output Short-Circuit Duration (Single Input)
Indefinite
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
AD704J
0°C to 70°C
AD704A
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
1
Specification is for the device in free air:
14-lead plastic package: θJA = 150°C/W.
16-lead SOIC package: θJA = 100°C/W.
20-terminal LCC package: θJA = 150°C/W.
2
The input pins of this amplifier are protected by back-to-back diodes. If the
differential voltage exceeds ±0.7 volts, external series protection resistors
should be added to limit the input current to less than 25 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1/4
AD704
INPUT SIGNAL1
9k
Ω
1k
Ω
1k
Ω
2.5k
Ω
0.1µF
1µF
0.1µF
1µF
AD704
PIN 4
AD704
PIN 11
+VS
–VS
COM
OUTPUT
NOTES
1. ALL FOUR AMPLIFIERS ARE CONNECTED AS SHOWN.
1THE SIGNAL INPUT (SUCH THAT THE AMPLIFIER’S OUTPUT IS AT MAXIMUM
AMPLITUDE WITHOUT CLIPPING OR SLEW LIMITING) IS APPLIED TO ONE
AMPLIFIER AT A TIME. THE OUTPUTS OF THE OTHER THREE AMPLIFIERS ARE
THEN MEASURED FOR CROSSTALK.
Figure 5. Crosstalk Test Circuit
–80
–100
–120
–140
–160
10
100
1k
10k
100k
FREQUENCY (Hz)
AMP2
AMP3
AMP4
Figure 6. Crosstalk vs. Frequency
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com