Electronic Components Datasheet Search
  English  ▼

X  

AD8624 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8624
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8624 Datasheet HTML 2Page - Analog Devices AD8624 Datasheet HTML 3Page - Analog Devices AD8624 Datasheet HTML 4Page - Analog Devices AD8624 Datasheet HTML 5Page - Analog Devices AD8624 Datasheet HTML 6Page - Analog Devices AD8624 Datasheet HTML 7Page - Analog Devices AD8624 Datasheet HTML 8Page - Analog Devices AD8624 Datasheet HTML 9Page - Analog Devices AD8624 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD704
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V dc, unless otherwise noted.
50
40
30
20
10
0
–80
–40
0
40
80
INPUT OFFSET VOLTAGE (µV)
Figure 7. Typical Distribution of Input Offset Voltage
50
40
30
20
10
0
–160
–80
0
80
160
INPUT BIAS CURRENT (pA)
Figure 8. Typical Distribution of Input Bias Current
50
40
30
20
10
0
–120
–60
0
60
120
INPUT OFFSET CURRENT (pA)
Figure 9. Typical Distribution of Input Offset Current
+VS
–0.5
–1.0
–1.5
+1.5
+1.0
+0.5
–VS
0
5
10
15
20
SUPPLY VOLTAGE (V)
Figure 10. Input Common-Mode Voltage Range vs. Supply Voltage
35
30
25
20
15
10
5
0
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 11. Large Signal Frequency Response
100
10
1
0.1
1k
10k
100k
1M
10M
100M
SOURCE RESISTANCE (
Ω)
SOURCE RESISTANCE MAY BE EITHER
BALANCED OR UNBALANCED.
Figure 12. Offset Voltage Drift vs. Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com