Electronic Components Datasheet Search
  English  ▼

X  

AD8624 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8624
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8624 Datasheet HTML 7Page - Analog Devices AD8624 Datasheet HTML 8Page - Analog Devices AD8624 Datasheet HTML 9Page - Analog Devices AD8624 Datasheet HTML 10Page - Analog Devices AD8624 Datasheet HTML 11Page - Analog Devices AD8624 Datasheet HTML 12Page - Analog Devices AD8624 Datasheet HTML 13Page - Analog Devices AD8624 Datasheet HTML 14Page - Analog Devices AD8624 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD704
Rev. E | Page 11 of 16
THEORY OF OPERATION
–VIN
+VIN
OUTPUT
+VS
0.1µF
–VS
0.1µF
Ct
C2
C1
R3
6.34k
Ω
RG
GAIN TRIM
(500k
Ω POT)
R4
47.5k
Ω
R5
2.4k
Ω
R1
6.34k
Ω
R2
49.9k
Ω
R6
1M
Ω
R10, 2M
Ω
C5, 0.01µF
R7
1M
Ω
R8
1M
Ω
1/4
AD704
1/4
AD704
1/4
AD704
C4
C3
R11, 2M
Ω
C6, 0.01µF
R9
1M
Ω
1/4
AD704
DC
CMRR
TRIM
(5k
Ω POT)
OPTIONAL
AC CMRR TRIM
OPTIONAL BALANCE RESISTOR NETWORKS
CAN BE REPLACED WITH A SHORT.
NOTES
1. INSTRUMENTATION AMPLIFIER GAIN = 1 +
+
(FOR R1 = R3, R2 = R4 + R5).
2. CAPACITORS C2 AND C4 ARE SOUTHERN ELECTRONICS MPCC, POLYCARBONATE, ±5%, 50V.
3. ALL RESISTORS METAL FILM, 1%.
R2
R1
2R2
RG
Q1 =
C1
4C2
ω =
1
R6 C1C2
R6 = R7
Q2 =
C3
4C4
ω =
1
R8 C3C4
R8 = R9
Figure 34. Gain-of-10 Instrumentation Amplifier with Post Filtering
The instrumentation amplifier with post filtering (see Figure 34)
combines two applications that benefit greatly from the AD704.
This circuit achieves low power and dc precision over temperature
with a minimum of components.
The instrumentation amplifier circuit offers many performance
benefits, including BiFET level input bias currents, low input
offset voltage drift, and only 1.2 mA quiescent current. It operates
for gains that are G ≥ 2 and, at lower gains, it benefits from no
output amplifier offset and no noise contribution as encountered
in a 3-op-amp design. Good low frequency CMRR is achieved
even without the optional ac CMRR trim (see Figure 35). Table 4
provides resistance values for three common circuit gains. For
other gains, use the following equations:
5
10
5
)
(
π
2
1
06
.
0
k
8
.
99
1
9
.
0
k
9
.
49
k
9
.
49
×
≈
Ω
=
−
Ω
=
=
Ω
=
+
=
R3
C
G
R
of
Value
Max
G
R3
R1
R5
R4
R2
t
G
Table 4. Resistance Values for Various Gains
Circuit
Gain (G)
R1 and R3
RG (Max Value of
Trim Potentiometer)
Bandwidth
(−3 dB), Hz
10
6.34 kΩ
166 kΩ
50 k
100
526 Ω
16.6 kΩ
5k
1000
56.2 Ω
1.66 kΩ
0.5 k
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
FREQUENCY (Hz)
GAIN = 10, 0.2V p-p COMMON-MODE INPUT
TYPICAL MONOLITHIC IN AMP
WITHOUT CAPACITOR Ct
CIRCUIT TRIMMED
USING CAPACITOR Ct
Figure 35. Common-Mode Rejection vs. Frequency with and Without
Capacitor Ct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com