Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 1 Page - Analog Devices

  AD8016 Datasheet HTML 1Page - Analog Devices AD8016 Datasheet HTML 2Page - Analog Devices AD8016 Datasheet HTML 3Page - Analog Devices AD8016 Datasheet HTML 4Page - Analog Devices AD8016 Datasheet HTML 5Page - Analog Devices AD8016 Datasheet HTML 6Page - Analog Devices AD8016 Datasheet HTML 7Page - Analog Devices AD8016 Datasheet HTML 8Page - Analog Devices AD8016 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, High Output
Current xDSL Line Driver
Data Sheet
AD8016
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
xDSL line driver that features full ADSL central office (CO)
Performance on ±12 V supplies
Low power operation
±5 V to ±12 V voltage supply
12.5 mA/amp (typical) total supply current
Power reduced keep alive current of 4.5 mA/amp
High output voltage and current drive
IOUT = 600 mA
40 V p-p differential output voltage RL = 50 Ω, VS = ±12 V
Low single-tone distortion
–75 dBc @ 1 MHz SFDR, RL = 100 Ω, VOUT = 2 V p-p
MTPR = –75 dBc, 26 kHz to 1.1 MHz, ZLINE = 100 Ω,
PLINE = 20.4 dBm
High Speed
78 MHz bandwidth (–3 dB), G = +5
40 MHz gain flatness
1000 V/μs slew rate
PIN CONFIGURATIONS
Figure 1. 24-Lead SOIC_W_BAT (RB-24)
Figure 2. 28-Lead TSSOP_EP (RE-28-1)
GENERAL DESCRIPTION
The AD8016 high output current dual amplifier is designed for
the line drive interface in Digital Subscriber Line systems such
as ADSL, HDSL2, and proprietary xDSL systems. The drivers
are capable, in full-bias operation, of providing 24.4 dBm
output power into low resistance loads, enough to power a
20.4 dBm line, including hybrid insertion loss.
The AD8016 is available in a low cost 24-lead SOIC_W_BAT
and a 28-lead TSSOP_EP with an exposed lead frame (ePAD).
Operating from ±12 V supplies, the AD8016 requires only 1.5 W
of total power dissipation (refer to the Power Dissipation section
for details) while driving 20.4 dBm of power downstream using
the xDSL hybrid in Figure 35 and Figure 36. Two digital bits
(PWDN0, PWDN1) allow the driver to be capable of full
performance, an output keep-alive state, or two intermediate
bias states. The keep-alive state biases the output transistors
enough to provide a low impedance at the amplifier outputs
for back termination.
The low power dissipation, high output current, high output
voltage swing, flexible power-down, and robust thermal
packaging enable the AD8016 to be used as the central office
(CO) terminal driver in ADSL, HDSL2, VDSL, and proprietary
xDSL systems.
+–
+–
+V1
+V2
1
2
3
4
24
23
22
21
5
6
7
8
9
16
10
15
11
14
12
13
NC = NO CONNECT
AD8016
TOP VIEW
(Not to Scale)
20
19
18
17
VOUT1
VINN1
VINP1
AGND
AGND
AGND
AGND
PWDN0
DGND
–V1
NC
VOUT2
VINN2
VINP2
AGND
AGND
AGND
AGND
PWDN1
BIAS
–V2
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD8016ARE
BIAS
–V2
PWDN1
NOTES
1. THE EXPOSED PADDLE IS FLOATING,
NOT ELECTRICALLY CONNECTED
INTERNALLY.
2. NC = NO CONNECT.
DGND
–V1
PWDN0
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
+VIN2
–VIN2
VOUT2
+V2
+V1
VOUT1
–VIN1
+VIN1
NC
NC
NC
TOP VIEW
(Not to Scale)


Similar Part No. - AD8016

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
AD8016 AD-AD8016 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB AD-AD8016ARB Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
More results

Similar Description - AD8016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
XDSL LINE DRIVER
Oct-2001
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
logo
Analog Devices
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
logo
Intersil Corporation
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
Low Power, High Output Current xDSL Line Driver
REV. C
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com