Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices AD8016 Datasheet HTML 16Page - Analog Devices AD8016 Datasheet HTML 17Page - Analog Devices AD8016 Datasheet HTML 18Page - Analog Devices AD8016 Datasheet HTML 19Page - Analog Devices AD8016 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8016
Data Sheet
Rev. C | Page 20 of 20
OUTLINE DIMENSIONS
Figure 50. 24-Lead Batwing SOIC, Thermally Enhanced w/Fused Leads [SOIC_W_BAT]
(RB-24)
Dimensions shown in millimeters
Figure 51. 28-Lead Thin Shrink Small Outline With Exposed Pad [TSSOP_EP]
(RE-28-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8016ARBZ
−40°C to +85°C
24-Lead SOIC_W_BAT
RB-24
AD8016ARBZ-REEL
−40°C to +85°C
24-Lead SOIC_W_BAT
RB-24
AD8016AREZ
−40°C to +85°C
28-Lead TSSOP_EP
RE-28-1
AD8016AREZ-REEL
−40°C to +85°C
28-Lead TSSOP_EP
RE-28-1
AD8016AREZ-REEL7
−40°C to +85°C
28-Lead TSSOP_EP
RE-28-1
1 Z = RoHS Compliant Part.
0.32
0.23
1.27
0.40
8°
0°
0.75
0.25
 45°
24
13
12
1
15.60
15.20
7.60
7.40
PIN 1
10.65
10.00
SEATING
PLANE
0.30
0.10
0.51
0.33
2.65
2.35
1.27
BSC
COMPLIANT WITH JEDEC STANDARDS MS-013-AD
COMPLIANT TO JEDEC STANDARDS MO-153-AET
28
15
14
1
EXPOSED
PAD
(Pins Up)
9.80
9.70
9.60
4.50
4.40
4.30
6.40
BSC
TOP VIEW
BOTTOM VIEW
0.65 BSC
0.15
0.05
COPLANARITY
0.10
1.20 MAX
1.05
1.00
0.80
0.30
0.19
SEATING
PLANE
0.20
0.09
3.05
3.00
2.95
8°
0°
0.75
0.60
0.45
3.55
3.50
3.45
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01019-0-3/12(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com