Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8016 Datasheet HTML 6Page - Analog Devices AD8016 Datasheet HTML 7Page - Analog Devices AD8016 Datasheet HTML 8Page - Analog Devices AD8016 Datasheet HTML 9Page - Analog Devices AD8016 Datasheet HTML 10Page - Analog Devices AD8016 Datasheet HTML 11Page - Analog Devices AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8016
Data Sheet
Rev. C | Page 10 of 20
Figure 24. Output Voltage vs. Frequency; VS = ±12 V
Figure 25. CMRR vs. Frequency; VS = ±12 V @ PWDN1, PWDN0 Codes
Figure 26. Frequency Response; VS = ±6 V, @ PWDN1, PWDN0 Codes
Figure 27. Output Voltage vs. Frequency; VS = ±6 V
Figure 28. PSRR vs. Frequency; VS = ±12 V
Figure 29. Noise vs. Frequency
FREQUENCY (MHz)
1
–16
–19
–13
–10
–7
–4
–1
2
5
8
11
500
100
10
G = +5
RL = 100Ω
RF = 499Ω
FREQUENCY (MHz)
20
0.03
10
0
–10
–20
–30
–40
–50
–60
–70
–80
VIN = 2V rms
RF = 602Ω
(1,1)
(1,0)
(0,1)
(0,0)
500
100
10
0.1
1
500
100
FREQUENCY (MHz)
10
1
3
0
–3
–6
–9
–12
–15
–18
–21
–24
6
(1,1)
(0,1)
(1,0)
(0,0)
VIN = 40mV p-p
G = +5
RL = 100Ω
500
100
10
FREQUENCY (MHz)
1
–16
–19
–13
–10
–7
–4
–1
2
5
8
11
G = +5
RL = 100Ω
RF = 499Ω
500
100
10
0.1
0.01
1
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
+PSRR
–PSRR
RF = 499Ω
0
FREQUENCY (MHz)
10
100
80
60
40
20
10M
10k
1k
100
10
20
30
40
50
60
70
80
90
0
120
140
160
180
100k
1M
+INOISE
VIN NOISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com