Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices AD8016 Datasheet HTML 16Page - Analog Devices AD8016 Datasheet HTML 17Page - Analog Devices AD8016 Datasheet HTML 18Page - Analog Devices AD8016 Datasheet HTML 19Page - Analog Devices AD8016 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD8016
Rev. C | Page 19 of 20
EXPERIMENTAL RESULTS
The experimental data suggests that for both packages, and
a PCB as small as 4.7 square inches, reasonable junction
temperatures can be maintained even in the absence of air
flow. The graph in Figure 47 shows junction temperature vs.
airflow for various dimensions of 1 oz. copper PCBs at an
ambient temperature of 24°C in the ARB package. For the
worst-case package, the AD8016 ARB and the worst-case
PCB at 4.7 square inches, the extrapolated junction temperature
for an ambient environment of 85°C would be approximately
132°C with 0 LFM of airflow. If the target maximum junction
temperature of the AD8016 ARB is 125°C, a 4-layer PCB with
1 oz. copper covering the outer layers and measuring 9 square
inches is required with 0 LFM of air flow.
Note that the AD8016 ARE is targeted at xDSL applications
other than full-rate CO ADSL. The AD8016 ARE is targeted
at g.lite and other xDSL applications where reduced power
dissipation can be achieved through a reduction in output
power. Extreme temperatures associated with full-rate ADSL
using the AD8016 ARE should be avoided whenever possible.
Figure 47. Junction Temperature vs. Air Flow
Figure 48. Junction-to-Ambient Thermal Resistance vs. PCB Area
Figure 49. Junction-to-Ambient Thermal Resistance vs. PCB Area
AIR FLOW (LFM)
75
0
70
65
60
55
50
45
40
200
150
100
50
ARB 4.7 SQ-IN
ARB 7.125 SQ-IN
ARB 9 SQ-IN
ARB 6 SQ-IN
+24°C AMBIENT
PCB AREA (SQ-IN)
35
4
30
25
20
15
10
10
7
ARB 0 LFM
ARB 50 LFM
ARB 100 LFM
ARB 200 LFM
ARB 150 LFM
40
0
35
30
10
45
67
89
23
1
25
20
15
10
50
45
PCB AREA (SQ-IN)
ARE 0 LFM
ARE 200 LFM
ARE 400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com