Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8099 Datasheet HTML 3Page - Analog Devices AD8099 Datasheet HTML 4Page - Analog Devices AD8099 Datasheet HTML 5Page - Analog Devices AD8099 Datasheet HTML 6Page - Analog Devices AD8099 Datasheet HTML 7Page - Analog Devices AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
AD8099
Rev. E | Page 7 of 26
FREQUENCY (MHz)
1
9
10
18
19
16
14
12
17
15
13
11
20
10
100
1000
5pF, CSP
5pF, SOIC
1pF, CSP
1pF, SOIC
G = +5
VS = ±5V
Figure 11. Small Signal Frequency Response for Various Capacitive Loads
FREQUENCY (MHz)
1
10
100
1000
1
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
G = +2
G = +5
G = +10
G = +20
VS = ±5V
VOUT = 2V p-p
RLOAD = 1kΩ
Figure 12. Large Signal Frequency Response for Various Gains (SOIC)
FREQUENCY (MHz)
1
5.5
10
100
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
VOUT = 200mV p-p
VOUT = 1.4V p-p
VS = ±5V
G = +2
RL = 150Ω
Figure 13. 0.1 dB Flatness (SOIC)
FREQUENCY (MHz)
0.001
0.01
0.1
1.0
10
100
1000
–10
40
0
10
50
60
20
30
70
80
90
–180
–105
–165
–150
–90
–75
–135
–120
–60
–45
–30
VS = ±5V
RL = 1kΩ
UNCOMPENSATED
PHASE
MAGNITUDE
Figure 14. Open Loop Frequency Response
FREQUENCY (MHz)
1
10
100
1000
2
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
VS = ±5V
VOUT = 2V p-p
RLOAD = 1kΩ
G = +5
G = +10
G = +20
G = +2
Figure 15. Large Signal Frequency Response for Various Gains (LFCSP)
FREQUENCY (MHz)
1
5.5
10
100
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
VOUT = 200mV p-p
VOUT = 1.4V p-p
VS = ±5V
G = +2
RL = 150Ω
Figure 16. 0.1 dB Flatness (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com