Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices AD8099 Datasheet HTML 18Page - Analog Devices AD8099 Datasheet HTML 19Page - Analog Devices AD8099 Datasheet HTML 20Page - Analog Devices AD8099 Datasheet HTML 21Page - Analog Devices AD8099 Datasheet HTML 22Page - Analog Devices AD8099 Datasheet HTML 23Page - Analog Devices AD8099 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AD8099
Data Sheet
Rev. E | Page 20 of 26
FREQUENCY (MHz)
1
–1
10
9
8
7
6
5
4
3
2
1
0
10
100
1000
3000
CF = 1pF
CF = 0.5pF
CF = 1.5pF
VS = ±5V
G = +2
RLOAD = 1k
SOIC PACKAGE
Figure 71. Frequency Response for Various Values of CF
FREQUENCY (MHz)
–2
3000
1
10
100
1000
9
8
7
6
5
4
3
2
1
0
–1
VS = ±5V
G = +2
RLOAD = 1k
SOIC PACKAGE
C1 = 0pF
C1 = 2pF
C1 = 1.5pF
Figure 72. Frequency Response for Various Values of C1
FREQUENCY (MHz)
–1
3000
1
10
100
1000
10
9
8
7
6
5
4
3
2
1
0
CC = 3pF
CC = 4pF
CC = 5pF
VS = ±5V
G = +2
RLOAD = 1k
SOIC PACKAGE
Figure 73. Frequency Response for Various Values of CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com