Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8099 Datasheet HTML 6Page - Analog Devices AD8099 Datasheet HTML 7Page - Analog Devices AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices AD8099 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AD8099
Data Sheet
Rev. E | Page 10 of 26
FREQUENCY (MHz)
0.1
1.0
10.0
–120
–50
–100
–90
–80
–70
–60
–110
SOLID LINES – SECOND HARMONICS
DOTTED LINES – THIRD HARMONICS
G = +10
RL = 1kΩ
VS = ±2.5V
VOUT = 1V p-p
VS = ±5V
VOUT = 2V p-p
Figure 29. Harmonic Distortion vs. Frequency and Supply Voltage (SOIC)
OUTPUT AMPLITUDE (V p-p)
7
1
2
3
4
5
6
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 100Ω
Figure 30. Harmonic Distortion vs. Output Amplitude (SOIC)
OUTPUT AMPLITUDE (V p-p)
7
1
2
3
4
5
6
–120
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 1kΩ
Figure 31. Harmonic Distortion vs. Output Amplitude (SOIC)
FREQUENCY (MHz)
0.1
1.0
10.0
–120
–110
–50
–90
–80
–70
–60
–100
SOLID LINES – SECOND HARMONICS
DOTTED LINE – THIRD HARMONICS
SOLID LINES – SECOND HARMONICS
DOTTED LINES – THIRD HARMONICS
G = +10
RL = 1kΩ
VS = ±2.5V
VOUT = 1V p-p
VS = ±5V
VOUT = 2V p-p
Figure 32. Harmonic Distortion vs. Frequency for Various Supplies (LFCSP
OUTPUT AMPLITUDE (V p-p)
7
1
2
3
4
5
6
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 100Ω
Figure 33. Harmonic Distortion vs. Output Amplitude (LFCSP)
OUTPUT AMPLITUDE (V p-p)
7
1
2
3
4
5
6
–120
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 1kΩ
Figure 34. Harmonic Distortion vs. Output Amplitude (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com