Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed, 0.95 nV/√Hz Voltage Noise Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 1 Page - Analog Devices

  AD8099 Datasheet HTML 1Page - Analog Devices AD8099 Datasheet HTML 2Page - Analog Devices AD8099 Datasheet HTML 3Page - Analog Devices AD8099 Datasheet HTML 4Page - Analog Devices AD8099 Datasheet HTML 5Page - Analog Devices AD8099 Datasheet HTML 6Page - Analog Devices AD8099 Datasheet HTML 7Page - Analog Devices AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Ultralow Distortion, High Speed,
0.95 nV/√Hz Voltage Noise Op Amp
Data Sheet
AD8099
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow noise: 0.95 nV/√Hz, 2.6 pA/√Hz
Ultralow distortion
2nd harmonic RL = 1 kΩ , G = +2
−92 dB at 10 MHz
3rd harmonic RL = 1 kΩ , G = +2
−105 dB at 10 MHz
High speed
Gain bandwidth product (GBWP): 3.8 GHz
−3 dB bandwidth
700 MHz (G = +2)
550 MHz (G = +10)
Slew rate
475 V/µs (G = +2)
1350 V/µs (G = +10)
New pinout
Custom external compensation, gain range –1, +2 to +10
Supply current: 15 mA
Offset voltage: 0.5 mV max
Wide supply voltage range: 5 V to 12 V
APPLICATIONS
Preamplifiers
Receivers
Instrumentation
Filters
Intermediate frequency (IF) and baseband amplifiers
Analog-to-digital drivers
Digital-to-analog converter (DAC) buffers
Optical electronics
GENERAL DESCRIPTION
The AD8099 is an ultralow noise (0.95 nV/√Hz) and distortion
(–92 dBc at 10 MHz) voltage feedback op amp, the combination
of which makes it ideal for 16- and 18-bit systems. The AD8099
features a new, highly linear, low noise input stage that increases
the full power bandwidth (FPBW) at low gains with high slew
rates. The Analog Devices, Inc., proprietary next generation
extra fast complimentary bipolar (XFCB) process enables such
high performance amplifiers with relatively low power.
The AD8099 features external compensation, which lets the user
set the gain bandwidth product. External compensation allows
gains from +2 to +10 with minimal trade-off in bandwidth. The
AD8099 also features an extremely high slew rate of 1350 V/µs,
giving the designer flexibility to use the entire dynamic range
without trading off bandwidth or distortion. The AD8099
settles to 0.1% in 18 ns and recovers from overdrive in 50 ns.
CONNECTION DIAGRAMS
NOTES
1. SOLDER THE EXPOSED PADDLE
TO THE GROUND PLANE.
3
–IN
4
+IN
1
DISABLE
2
FEEDDBACK
6 CC
5 –VS
8 +VS
7 VOUT
AD8099
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead LFCSP (CP-8-13)
NOTES
1. SOLDER THE EXPOSED PADDLE
TO THE GROUND PLANE.
AD8099
TOP VIEW
(Not to Scale)
FEEDBACK
1
–IN
2
+IN 3
–VS 4
DISABLE
8
+VS
7
VOUT
6
CC
5
Figure 2. 8-Lead SOIC-EP (RD-8-1)
The AD8099 drives 100 Ω loads at breakthrough performance
levels with only 15 mA of supply current. With the wide supply
voltage range (5 V to 12 V), low offset voltage (0.1 mV typ), wide
bandwidth (700 MHz for G = +2), and a GBWP up to 3.8 GHz,
the AD8099 is designed to work in a wide variety of applications.
The AD8099 is available in a 3 mm × 3 mm lead frame chip scale
package (LFCSP) with a new pinout that is specifically optimized
for high performance, high speed amplifiers. The new LFCSP and
pinout enable the breakthrough performance that previously was
not achievable with amplifiers. The AD8099 is rated to work
over the extended industrial temperature range, −40°C to +125°C.
FREQUENCY (MHz)
0.1
1.0
10.0
–130
–40
–110
–100
–90
–80
–70
–60
–50
–120
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +2
VOUT = 2V p-p
VS = ±5V
RL = 1kΩ
Figure 3. Harmonic Distortion vs. Frequency and Gain (SOIC)


Similar Part No. - AD8099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8099 AD-AD8099 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
AD8099 AD-AD8099 Datasheet
632Kb / 28P
1 nV/?숰z, Low Power
REV. B
AD8099 AD-AD8099 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
AD8099 AD-AD8099 Datasheet
490Kb / 24P
Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
More results

Similar Description - AD8099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
4/06-Rev. 0 to Rev. A
AD8045 AD-AD8045 Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8099 AD-AD8099_13 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com