Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD8008ARM
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM Datasheet(HTML) 3 Page - Analog Devices

  AD8008ARM Datasheet HTML 1Page - Analog Devices AD8008ARM Datasheet HTML 2Page - Analog Devices AD8008ARM Datasheet HTML 3Page - Analog Devices AD8008ARM Datasheet HTML 4Page - Analog Devices AD8008ARM Datasheet HTML 5Page - Analog Devices AD8008ARM Datasheet HTML 6Page - Analog Devices AD8008ARM Datasheet HTML 7Page - Analog Devices AD8008ARM Datasheet HTML 8Page - Analog Devices AD8008ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8007/AD8008
Rev. E | Page 3 of
20
SPECIFICATIONS
VS = ±5 V
TA = 25°C, RS = 200 Ω, RL = 150 Ω, RF = 499 Ω, Gain = +2, unless otherwise noted.
Table 1.
AD8007/AD8008
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.2 V p-p, RL = 1 kΩ
540
650
MHz
G = +1, VO = 0.2 V p-p, RL = 150 Ω
250
500
MHz
G = +2, VO = 0.2 V p-p, RL = 150 Ω
180
230
MHz
G = +1, VO = 2 V p-p, RL = 1 kΩ
200
235
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p, G = +2, RL = 150 Ω
50
90
MHz
Overdrive Recovery Time
±2.5 V input step, G = +2, RL = 1 kΩ
30
ns
Slew Rate
G = +1, VO = 2 V step
900
1000
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step
18
ns
Settling Time to 0.01%
G = +2, VO = 2 V step
35
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
fC = 5 MHz, VO = 2 V p-p
−88
dBc
fC = 20 MHz, VO = 2 V p-p
−83/−77
dBc
Third Harmonic
fC = 5 MHz, VO = 2 V p-p
−101
dBc
IMD
fC = 20 MHz, VO = 2 V p-p
−92/−98
dBc
fC = 19.5 MHz to 20.5 MHz, RL = 1 kΩ, VO = 2 V p-p
−77
dBc
Third-Order Intercept
fC = 5 MHz, RL = 1 kΩ
43.0/42.5
dBm
fC = 20 MHz, RL = 1 kΩ
42.5
dBm
Crosstalk (AD8008)
f = 5 MHz, G = +2
−68
dB
Input Voltage Noise
f = 100 kHz
2.7
nV/√Hz
Input Current Noise
−Input, f = 100 kHz
22.5
pA/√Hz
+Input, f = 100 kHz
2
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.015
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.010
Degree
DC PERFORMANCE
Input Offset Voltage
0.5
4
mV
Input Offset Voltage Drift
3
μV/°C
Input Bias Current
+Input
4
8
μA
−Input
0.4
6
μA
Input Bias Current Drift
+Input
16
nA/°C
−Input
9
nA/°C
Transimpedance
VO = ±2.5 V, RL = 1 kΩ
1.0
1.5
MΩ
RL = 150 Ω
0.4
0.8
MΩ
INPUT CHARACTERISTICS
Input Resistance
+Input
4
MΩ
Input Capacitance
+Input
1
pF
Input Common-Mode Voltage Range
−3.9 to +3.9
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
56
59
dB
OUTPUT CHARACTERISTICS
Output Saturation Voltage
VCC − VOH, VOL − VEE, RL = 1 kΩ
1.1
1.2
V
Short-Circuit Current, Source
130
mA
Short-Circuit Current, Sink
90
mA
Capacitive Load Drive
30% overshoot
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com