Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD8008ARM
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8008ARM Datasheet HTML 12Page - Analog Devices AD8008ARM Datasheet HTML 13Page - Analog Devices AD8008ARM Datasheet HTML 14Page - Analog Devices AD8008ARM Datasheet HTML 15Page - Analog Devices AD8008ARM Datasheet HTML 16Page - Analog Devices AD8008ARM Datasheet HTML 17Page - Analog Devices AD8008ARM Datasheet HTML 18Page - Analog Devices AD8008ARM Datasheet HTML 19Page - Analog Devices AD8008ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8007/AD8008
Rev. E | Page 16 of
20
Whenever physical layout considerations prevent the decoupling
scheme shown in Figure 53, the user can connect one of the
high frequency decoupling capacitors directly across the supplies
and connect the other high frequency decoupling capacitor to
ground (see Figure 54).
+VS
–VS
RG
499Ω
RS
200Ω
IN
RF
499Ω
OUT
AD8007
+
+
10µF
10µF
C1
0.1µF
C2
0.1µF
Figure 54. High Frequency Capacitors Connected Across the Supplies
(Recommended)
LAYOUT CONSIDERATIONS
The standard noninverting configuration with recommended
power supply bypassing is shown in Figure 54. The 0.1 μF high
frequency decoupling capacitors should be X7R or NPO chip
components. Connect C2 from the +VS pin to the −VS pin.
Connect C1 from the +VS pin to signal ground.
The length of the high frequency bypass capacitor leads is critical.
Parasitic inductance due to long leads works against the low
impedance created by the bypass capacitor. The ground for the
load impedance should be at the same physical location as the
bypass capacitor grounds. For larger value capacitors, which are
intended to be effective at lower frequencies, the current return
path distance is less critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com