Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARM Datasheet(PDF) 19 Page - Analog Devices

Part # AD8008ARM
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8008ARM Datasheet HTML 12Page - Analog Devices AD8008ARM Datasheet HTML 13Page - Analog Devices AD8008ARM Datasheet HTML 14Page - Analog Devices AD8008ARM Datasheet HTML 15Page - Analog Devices AD8008ARM Datasheet HTML 16Page - Analog Devices AD8008ARM Datasheet HTML 17Page - Analog Devices AD8008ARM Datasheet HTML 18Page - Analog Devices AD8008ARM Datasheet HTML 19Page - Analog Devices AD8008ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8007/AD8008
Rev. E | Page 19 of
20
COMPLIANT TO JEDEC STANDARDS MO-203-AA
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
12
4
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 57. 5-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Outline
Branding
AD8007AKS-R2
−40°C to +85°C
5-Lead SC70
KS-5
HTA
AD8007AKSZ-R21
−40°C to +85°C
5-Lead SC70
KS-5
HTC
AD8007AKSZ-REEL1
−40°C to +85°C
5-Lead SC70
KS-5
HTC
AD8007AKSZ-REEL71
−40°C to +85°C
5-Lead SC70
KS-5
HTC
AD8007AR
−40°C to +85°C
8-Lead SOIC
R-8
AD8007AR-REEL
−40°C to +85°C
8-Lead SOIC
R-8
AD8007AR-REEL7
−40°C to +85°C
8-Lead SOIC
R-8
AD8007ARZ1
−40°C to +85°C
8-Lead SOIC
R-8
AD8007ARZ-REEL1
−40°C to +85°C
8-Lead SOIC
R-8
AD8007ARZ-REEL71
−40°C to +85°C
8-Lead SOIC
R-8
AD8008AR
−40°C to +85°C
8-Lead SOIC
R-8
AD8008AR-REEL7
−40°C to +85°C
8-Lead SOIC
R-8
AD8008AR-REEL
−40°C to +85°C
8-Lead SOIC
R-8
AD8008ARZ1
−40°C to +85°C
8-Lead SOIC
R-8
AD8008ARZ-REEL71
−40°C to +85°C
8-Lead SOIC
R-8
AD8008ARZ-REEL1
−40°C to +85°C
8-Lead SOIC
R-8
AD8008ARM
−40°C to +85°C
8-Lead MSOP
RM-8
H2B
AD8008ARM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
H2B
AD8008ARM-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
H2B
AD8008ARMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
H2B#
AD8008ARMZ-REEL1
−40°C to +85°C
8-Lead MSOP
RM-8
H2B#
AD8008ARMZ-REEL71
−40°C to +85°C
8-Lead MSOP
RM-8
H2B#
1 Z = RoHS Compliant Part, # denotes RoHS compliant part may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com