Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8008ARM
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8008ARM Datasheet HTML 8Page - Analog Devices AD8008ARM Datasheet HTML 9Page - Analog Devices AD8008ARM Datasheet HTML 10Page - Analog Devices AD8008ARM Datasheet HTML 11Page - Analog Devices AD8008ARM Datasheet HTML 12Page - Analog Devices AD8008ARM Datasheet HTML 13Page - Analog Devices AD8008ARM Datasheet HTML 14Page - Analog Devices AD8008ARM Datasheet HTML 15Page - Analog Devices AD8008ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8007/AD8008
Rev. E | Page 12 of
20
VS = ±5 V, RL = 150 Ω, RS = 200 Ω, RF = 499 Ω, unless otherwise noted.
FREQUENCY (Hz)
k
1
0
1
100
100
10
1
10k
100k
1M
2.7nV/ Hz
Figure 36. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
M
0
1
k
0
0
11M
100
10
1
100M
1G
1k
0.1
0.01
G = +2
Figure 37. Output Impedance vs. Frequency
FREQUENCY (Hz)
100M
1G
–10
–20
–30
100k
1M
0
10M
–40
–50
–60
–70
VS = ±5V, +5V
Figure 38. CMRR vs. Frequency
FREQUENCY (Hz)
k
0
1
0
1
100
100
10
1
100k
1M
1000
10M
1k
NONINVERTING CURRENT NOISE 2.0pA/ Hz
INVERTING CURRENT NOISE 22.5pA / Hz
Figure 39. Input Current Noise vs. Frequency
FREQUENCY (Hz)
1G
100k
–100
1M
10M
100M
–90
–80
–70
–60
–50
–40
–20
–30
SIDE B DRIVEN
SIDE A DRIVEN
G = +2
R = 150Ω
VS = ±5V
VM = 1V p-p
Figure 40. AD8008 Crosstalk vs. Frequency (Output to Output)
FREQUENCY (Hz)
20
10
M
1
k
0
1
100k
–20
–30
–40
–50
0
–10
10M
100M
1G
–60
–70
–80
+PSRR
–PSRR
Figure 41. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com