Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 5 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 5 Page - Analog Devices

  AD818 Datasheet HTML 1Page - Analog Devices AD818 Datasheet HTML 2Page - Analog Devices AD818 Datasheet HTML 3Page - Analog Devices AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV.
Typical Performance Characteristics–AD818
–5–
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE ( V)
–V
CM
+V
CM
TPC 1. Common-Mode Voltage Range vs. Supply
LOAD RESISTANCE ( )
30
0
10
10k
5
1k
100
10
15
20
25
VS = 15V
VS = 5V
TPC 2. Output Voltage Swing vs. Load Resistance
600
200
020
500
300
5
400
10
15
SUPPLY VOLTAGE ( V)
TPC 3. Slew Rate vs. Supply Voltage
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE ( V)
RL = 150
RL = 500
TPC 4. Output Voltage Swing vs. Supply
–40 C
8.0
6.0
020
7.5
6.5
5
7.0
10
15
SUPPLY VOLTAGE ( V)
+25 C
+85 C
TPC 5. Quiescent Supply Current vs. Supply Voltage
100
1
0.01
1k
10k
100M
10M
1M
100k
0.1
10
FREQUENCY (Hz)
TPC 6. Closed-Loop Output Impedance vs. Frequency
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com