Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 9 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices AD818 Datasheet HTML 10Page - Analog Devices AD818 Datasheet HTML 11Page - Analog Devices AD818 Datasheet HTML 12Page - Analog Devices AD818 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
REV.
AD818
–9–
10
90
100
0%
5V
50ns
5V
TPC 25. Inverter Large Signal Pulse Response;
VS = ±15 V, CF = 1 pF, RL = 1 kW
10
90
100
0%
200mV
10ns
200mV
TPC 26. Inverter Small Signal Pulse Response;
VS = ±15 V, CF = 1 pF, RL = 150 W
10
90
100
0%
200mV
10ns
200mV
TPC 27. Inverter Small Signal Pulse Response;
VS = ±5 V, CF = 0 pF, RL = 150 W
AD818
RL
VOUT
HP
PULSE (LS)
OR FUNCTION
(SS)
GENERATOR
100
50
VIN
TEKTRONIX
7A24
PREAMP
1k
CF
+VS
3.3 F
0.01 F
0.01 F
3.3 F
–VS
TEKTRONIX
P6201 FET
PROBE
1k
TPC 28. Noninverting Amplifier Connection
10
90
100
0%
1V
50ns
2V
TPC 29. Noninverting Large Signal Pulse Response;
VS = ±5 V, CF = 1 pF, RL = 1 kW
10
90
100
0%
100mV
10ns
200mV
TPC 30. Noninverting Small Signal Pulse
Response; VS = ±5 V, CF = 1 pF, RL = 150 W
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com