Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 8 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices AD818 Datasheet HTML 10Page - Analog Devices AD818 Datasheet HTML 11Page - Analog Devices AD818 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV.
–8–
AD818
0.03
15
0.06
0.04
0.05
510
SUPPLY VOLTAGE ( V)
0.02
0.01
0.00
DIFF GAIN
DIFF PHASE
TPC 19. Differential Gain and Phase vs. Supply Voltage
6
1
5
4
3
2
7
8
9
10
FREQUENCY (Hz)
15V
0.1dB
VS
CC
FLATNESS
15V 2pF 55MHz
5V
1pF 43MHz
+5V
1pF 18MHz
1M
10M
100M
1G
5V
+5V
1k
150
VOUT
AD818
CC
1k
VIN
TPC 20. Closed-Loop Gain vs. Frequency (G = +2)
10
0
–10
–2
–4
–6
–8
2
4
6
8
FREQUENCY (Hz)
15V
0.1dB
VS
FLATNESS
15V
72MHz
5V
34MHz
+5V
19MHz
1M
10M
100M
1G
5V
+5V
1k
150
VOUT
AD818
2pF
1k
VIN
TPC 21. Closed-Loop Gain vs. Frequency (G = –1)
AD818
RL
VOUT
HP
PULSE (LS)
OR FUNCTION
(SS)
GENERATOR
1k
50
VIN
TEKTRONIX
7A24
PREAMP
1k
CF
+VS
3.3 F
0.01 F
0.01 F
3.3 F
–VS
TEKTRONIX
P6201 FET
PROBE
TPC 22. Inverting Amplifier Connection
10
90
100
0%
2V
50ns
2V
TPC 23. Inverter Large Signal Pulse Response;
VS = ±5 V, CF = 1 pF, RL = 1 kW
10
90
100
0%
200mV
10ns
200mV
TPC 24. Inverter Small Signal Pulse Response;
VS = ±5 V, CF = 1 pF, RL = 150 W
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com