Electronic Components Datasheet Search
  English  ▼

X  

TDA9820 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9820
Description  Multistandard/dual channel TV FM intercarrier sound demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9820 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9820 Datasheet HTML 2Page - NXP Semiconductors TDA9820 Datasheet HTML 3Page - NXP Semiconductors TDA9820 Datasheet HTML 4Page - NXP Semiconductors TDA9820 Datasheet HTML 5Page - NXP Semiconductors TDA9820 Datasheet HTML 6Page - NXP Semiconductors TDA9820 Datasheet HTML 7Page - NXP Semiconductors TDA9820 Datasheet HTML 8Page - NXP Semiconductors TDA9820 Datasheet HTML 9Page - NXP Semiconductors TDA9820 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Nov 20
6
Philips Semiconductors
Product specification
Multistandard/dual channel TV FM
intercarrier sound demodulator
TDA9820
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Equivalent to discharging a 200 pF capacitor via a 0
Ω series resistor.
2. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 14)
−0.5
+9.0
V
Vi
input signal (pins 1, 2, 3, 15 and 16)
−0.5
+5.0
V
Vsw
switching voltage (pins 5 and 6)
−0.5
VP + 0.5
V
ts
short-circuit time (each pin except pins 13 and 14 to
be tested; one at the time)
−
10
s
Tstg
storage temperature
device
−25
+125
°C
device in packing
−25
+85
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
0
70
°C
Ves
electrostatic handling for all pins
note 1
−500
+500
V
note 2
−4000
+4000
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
TDA9820 (DIP16)
74
K/W
TDA9820T (SO16)
104
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com