Electronic Components Datasheet Search
  English  ▼

X  

TDA9820 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9820
Description  Multistandard/dual channel TV FM intercarrier sound demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9820 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9820 Datasheet HTML 7Page - NXP Semiconductors TDA9820 Datasheet HTML 8Page - NXP Semiconductors TDA9820 Datasheet HTML 9Page - NXP Semiconductors TDA9820 Datasheet HTML 10Page - NXP Semiconductors TDA9820 Datasheet HTML 11Page - NXP Semiconductors TDA9820 Datasheet HTML 12Page - NXP Semiconductors TDA9820 Datasheet HTML 13Page - NXP Semiconductors TDA9820 Datasheet HTML 14Page - NXP Semiconductors TDA9820 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1996 Nov 20
11
Philips Semiconductors
Product specification
Multistandard/dual channel TV FM
intercarrier sound demodulator
TDA9820
TEST AND APPLICATION INFORMATION
Fig.5 Test circuit.
(1) See note 2 of Chapter “Characteristics”.
handbook, full pagewidth
12
16
3
15
4
14
5
13
6
12
7
11
8
MHA422
10
9
VP
10 nF
VAF2
TDA9820
2.2
nF
S1
S2
n.c.
VAF1
2.2 k
Ω
VAF2
VAF1
2.2 k
Ω
2.2
nF
2.2
nF
22
nF
22
nF
with 50
µs
de-emphasis
10
µF
5.5 MHz
2.2
nF
2.2
nF
intercarrier
intercarrier
2.2
µF
2.2
µF
600
Ω
600
Ω
600
Ω
600
Ω
600
Ω
6.5 MHz
4.5 MHz
6.0 MHz
4.72 MHz, or
5.74 MHz, or
6.74 MHz
27 k
Ω
2.2
µF
without
de-emphasis
2.2 k
Ω
1.1 k
Ω
optional stereo
channel separation
adjustment
Rs
Rpot
15 k
Ω
2.2
µF
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com