Electronic Components Datasheet Search
  English  ▼

X  

TDA9820 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9820
Description  Multistandard/dual channel TV FM intercarrier sound demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9820 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9820 Datasheet HTML 1Page - NXP Semiconductors TDA9820 Datasheet HTML 2Page - NXP Semiconductors TDA9820 Datasheet HTML 3Page - NXP Semiconductors TDA9820 Datasheet HTML 4Page - NXP Semiconductors TDA9820 Datasheet HTML 5Page - NXP Semiconductors TDA9820 Datasheet HTML 6Page - NXP Semiconductors TDA9820 Datasheet HTML 7Page - NXP Semiconductors TDA9820 Datasheet HTML 8Page - NXP Semiconductors TDA9820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Nov 20
2
Philips Semiconductors
Product specification
Multistandard/dual channel TV FM
intercarrier sound demodulator
TDA9820
FEATURES
• Multistandard application for sound standards M, B/G, I
and D/K
• Two alignment-free PLL FM demodulators
• Four-input source selector for one of the two FM
demodulators
• Automatic second sound carrier mute
• Mono and dual channel application
• Low power consumption
• Few external components required.
GENERAL DESCRIPTION
The TDA9820 is a monolithic, integrated, multistandard TV
FM intercarrier sound demodulator for all FM standards.
The circuit contains two separate FM demodulators using
Phase Locked Loop (PLL) reference frequency
generation. The circuit requires a minimum number of
external components.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 14)
4.5
5.0
8.8
V
IP
supply current (pin 14)
23
30
37
mA
IM
AC peak current (pins 7 and 8)
−−
1.5
mA
Vi(rms)
input signal (RMS value)
−
150
250
µV
Vo(rms)
output signal (pins 7 and 8; RMS value)
∆fi = ±50 kHz
0.4
0.5
0.6
V
signal plus noise-to-noise ratio
(pins 7 and 8)
in accordance with
“CCIR 468-3”
64
68
−
dB
α8/7
crosstalk attenuation
f = 50 to 12500 Hz
60
70
−
dB
RR
supply voltage ripple rejection
(pins 7 and 8)
VRR < 200 mV; f = 70 Hz
16
20
−
dB
Tamb
operating ambient temperature
0
−
70
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9820
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA9820T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
SN
+
N
--------------
40 dB
=
SN
+
N
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com