Electronic Components Datasheet Search
  English  ▼

X  

TDA9820 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9820
Description  Multistandard/dual channel TV FM intercarrier sound demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9820 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9820 Datasheet HTML 3Page - NXP Semiconductors TDA9820 Datasheet HTML 4Page - NXP Semiconductors TDA9820 Datasheet HTML 5Page - NXP Semiconductors TDA9820 Datasheet HTML 6Page - NXP Semiconductors TDA9820 Datasheet HTML 7Page - NXP Semiconductors TDA9820 Datasheet HTML 8Page - NXP Semiconductors TDA9820 Datasheet HTML 9Page - NXP Semiconductors TDA9820 Datasheet HTML 10Page - NXP Semiconductors TDA9820 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Nov 20
7
Philips Semiconductors
Product specification
Multistandard/dual channel TV FM
intercarrier sound demodulator
TDA9820
CHARACTERISTICS
All voltages are measured to GND (pin 13); VP =5V; Tamb =25 °C; ∆fi = ±50 kHz; fmod = 1 kHz;
V1, 2, 3, 16/15 = 10 mV (RMS value); measurements taken in Fig.5; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 14)
VP
supply voltage
4.5
5.0
8.8
V
IP
supply current
23
30
37
mA
Source selector and limiter-amplifier 1 (pins 1, 2, 3 and 16)
VI
DC input voltage
activated input
2.25
2.5
2.75
V
not activated input
−−
0.1
V
RI
input resistance
activated input
480
600
720
Ω
not activated input
−−
600
Ω
Vi(rms)
input signal (RMS value)
−
150
250
µV
allowed input signal (RMS value)
200
−−
mV
αct
crosstalk attenuation
not activated input to
activated input
40
50
−
dB
Limiter-amplifier 2
V15
DC input voltage
2.25
2.5
2.75
V
V15(rms)
input signal (RMS value)
; note 1
−
150
250
µV
input signal for mute off (RMS value)
0.7
1.0
1.5
mV
allowed input signal (RMS value)
200
−−
mV
R15
input resistance
480
600
720
Ω
δ
hysteresis of level detector
8
12
16
dB
PLL FM demodulators VCO1 and VCO2
fVCO1
free-running frequencies
R11 =27kΩ;
see Table 1
−
4.5
−
MHz
−
5.5
−
MHz
−
6.0
−
MHz
−
6.5
−
MHz
fVCO2
free-running frequencies
R11 =27kΩ;
see Table 1
−
4.7
−
MHz
−
5.7
−
MHz
−
6.7
−
MHz
∆ffr
negative/positive free-running
frequency spread
−−
10
%
D/
∆f
fr
drift of free-running frequencies
Tamb = 0 to 70 °C
−
500
750
kHz
∆ffr(shift)
shift of free-running frequencies
4.5 V < VP < 8.8 V
−
200
300
kHz
∆ffr(ar)
negative/positive adjustment range of
free-running frequencies
R11 =22kΩ
1
−−
MHz
R11
adjustment resistance for free-running
frequencies (pin 11)
15
−
29
k
Ω
SN
+
N
--------------
40 dB
=
SN
+
N
--------------
40 dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com