Electronic Components Datasheet Search
  English  ▼

X  

GP34063 Datasheet(PDF) 4 Page - GTM CORPORATION

Part # GP34063
Description  DC TO DC CONVERTER CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP34063 Datasheet(HTML) 4 Page - GTM CORPORATION

  GP34063 Datasheet HTML 1Page - GTM CORPORATION GP34063 Datasheet HTML 2Page - GTM CORPORATION GP34063 Datasheet HTML 3Page - GTM CORPORATION GP34063 Datasheet HTML 4Page - GTM CORPORATION GP34063 Datasheet HTML 5Page - GTM CORPORATION GP34063 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
ISSUED DATE :2004/02/10
REVISED DATE :2004/11/23C
Application Information
Step-Up Converter
Test
Conditions
Results
Line Regulation
Vin= 8V to 16V, Io = 175mA
30mV = ± 0.05%
Load Regulation
Vin = 12V, Io = 75mA to 175 mA
10mV = ± 0.017%
Output Ripple
Vin = 12V,Io = 175mA
400mVp-p
Efficiency
Vin = 12V, Io = 175mA
87.7%
Output Ripple With Optional Filter Vin = 12V, Io = 175mA
40mVp-p
External Current Boost Connections for Ic Peak Greater than 1.5A
External NPN Switch
External NPN Saturated Switch (NOTE)
NOTE
If the switch is driven into hard saturation (non-Darlington configuration) at low switch currents ( 300mA) and high driver currents ( 30mA) it may
take up to 2.0 us to come out of saturation. This condition will shorten the off time at frequencies 30kHz, and is magnified at high temperatures. This
condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non-Darlington configuration is used, the
following output drive condition is recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com