Electronic Components Datasheet Search
  English  ▼

X  

GP34063 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GP34063
Description  DC TO DC CONVERTER CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP34063 Datasheet(HTML) 1 Page - GTM CORPORATION

  GP34063 Datasheet HTML 1Page - GTM CORPORATION GP34063 Datasheet HTML 2Page - GTM CORPORATION GP34063 Datasheet HTML 3Page - GTM CORPORATION GP34063 Datasheet HTML 4Page - GTM CORPORATION GP34063 Datasheet HTML 5Page - GTM CORPORATION GP34063 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ISSUED DATE :2004/02/10
REVISED DATE :2004/11/23C
G
G P
P 3344006633
D
D C
C T
T O
O D
D C
C C
C O
O N
N V
V E
E R
R T
T E
E R
R C
C O
O N
N T
T R
R O
O L
L L
L E
E R
R
Description
The GP34063 is a monolithic regulator subsystem, intended for use as DC to DC converter. This device contains a temperature
compensated band gap reference, a duty-cycle control oscillator, driver and high current output switch. It can be used for step down,
step-up or inverting switching regulators as well as for series pass regulators.
Features
*Operation from 3.0V to 40V.
*Short circuit current limiting.
*Low standby current.
*Output switch current of 1.5A without external transistors.
*Frequency of operation from 100Hz to 100kHz.
*Step-up, step-down or inverting switch regulators.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
Pin Configuration & Block Diagram
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8


Similar Part No. - GP34063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Cornell Dubilier Electr...
GP347 CDE-GP347 Datasheet
170Kb / 2P
Disc Ceramic Capacitors
logo
Mallory performance clu...
GP347 MALLORY-GP347 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results

Similar Description - GP34063

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
Dc to Dc Converter Controller
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com