Electronic Components Datasheet Search
  English  ▼

X  

GP34063 Datasheet(PDF) 6 Page - GTM CORPORATION

Part # GP34063
Description  DC TO DC CONVERTER CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP34063 Datasheet(HTML) 6 Page - GTM CORPORATION

  GP34063 Datasheet HTML 1Page - GTM CORPORATION GP34063 Datasheet HTML 2Page - GTM CORPORATION GP34063 Datasheet HTML 3Page - GTM CORPORATION GP34063 Datasheet HTML 4Page - GTM CORPORATION GP34063 Datasheet HTML 5Page - GTM CORPORATION GP34063 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
ISSUED DATE :2004/02/10
REVISED DATE :2004/11/23C
Voltage Inverting Converter
Test
Conditions
Results
Line Regulation
Vin= 4.5V to 6.0V, Io = 100mA
3mV = ± 0.12%
Load Regulation
Vin = 5V, Io = 10mA to 100 mA
0.022V = ± 0.09%
Output Ripple
Vin = 5V,Io = 100mA
500mVp-p
Short Circuit Current
Vin = 5V, RL = 0.1
910mA
Efficiency
Vin = 5V, Io = 100mA
62.2%
Output Ripple With Optional Filter Vin = 5V, Io = 100mA
70mVp-p
External Current Boost Connections for Ic Peak Greater than 1.5A
External NPN Switch
External NPN Saturated Switch
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com