Electronic Components Datasheet Search
  English  ▼

X  

GP34063 Datasheet(PDF) 5 Page - GTM CORPORATION

Part # GP34063
Description  DC TO DC CONVERTER CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GP34063 Datasheet(HTML) 5 Page - GTM CORPORATION

  GP34063 Datasheet HTML 1Page - GTM CORPORATION GP34063 Datasheet HTML 2Page - GTM CORPORATION GP34063 Datasheet HTML 3Page - GTM CORPORATION GP34063 Datasheet HTML 4Page - GTM CORPORATION GP34063 Datasheet HTML 5Page - GTM CORPORATION GP34063 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
ISSUED DATE :2004/02/10
REVISED DATE :2004/11/23C
Step-Down Converter
Test
Conditions
Results
Line Regulation
Vin= 15V to 25V, Io = 50mA
12mV = ± 0.12%
Load Regulation
Vin = 25V, Io = 50mA to 500 mA
3mV = ± 0.03%
Output Ripple
Vin = 25V,Io = 500mA
120mVp-p
Short Circuit Current
Vin = 25V, RL = 0.1
1.1A
Efficiency
Vin = 25V, Io = 500mA
83.7%
Output Ripple With Optional Filter Vin = 25V, Io = 500mA
40mVp-p
External Current Boost Connections for Ic Peak Greater than 1.5A
External NPN Switch
External NPN Saturated Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com