Electronic Components Datasheet Search
  English  ▼

X  

MAX8545 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8545
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8545 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8545 Datasheet HTML 9Page - Maxim Integrated Products MAX8545 Datasheet HTML 10Page - Maxim Integrated Products MAX8545 Datasheet HTML 11Page - Maxim Integrated Products MAX8545 Datasheet HTML 12Page - Maxim Integrated Products MAX8545 Datasheet HTML 13Page - Maxim Integrated Products MAX8545 Datasheet HTML 14Page - Maxim Integrated Products MAX8545 Datasheet HTML 15Page - Maxim Integrated Products MAX8545 Datasheet HTML 16Page - Maxim Integrated Products MAX8545 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
______________________________________________________________________________________
13
has a gain drop of 40dB per decade, and a phase shift
of 180°. The error amplifier must compensate for this
gain drop and phase shift to achieve a stable high-
bandwidth, closed-loop system.
The basic regulator loop consists of a power modulator
(Figure 3), an output feedback divider, and an error
amplifier. The power modulator has DC gain set by
VIN/VRAMP, with a double pole set by the inductor and
output capacitor, and a single zero set by the output
capacitor (COUT) and its equivalent series resistance
(ESR). Below are equations that define the power mod-
ulator:
The DC gain of the power modulator is:
where VRAMP = 1V.
The pole frequency due to the inductor and output
capacitor is:
The zero frequency due to the output capacitor’s ESR is:
The output capacitor is usually comprised of several
same capacitors connected in parallel. With n capaci-
tors in parallel, the output capacitance is:
COUT = n X CEACH
The total ESR is:
The ESR zero (fZESR) for a parallel combination of
capacitors is the same as for an individual capacitor.
The feedback divider has a gain of GFB = VFB/VOUT,
where VFB is 0.8V.
The transconductance error amplifier has DC gain
GEA(dc) of 72dB. A dominant pole (fDPEA) is set by the
compensation capacitor (CC), the amplifier output
resistance (RO) equals 37MΩ, and the compensation
resistor (RC):
The compensation resistor and the compensation
capacitor set a zero:
The total closed-loop gain must equal unity at the
crossover frequency. The crossover frequency should
be higher than fZESR, so that the -1 slope is used to
cross over at unity gain. Also, the crossover frequency
should be less than or equal to 1/5 the switching fre-
quency (fSW) of the controller:
The loop-gain equation at the crossover frequency is:
VFB/VOUT x GEA(fC) x GMOD(fC) = 1
where GEA(fC) = gmEA × RC, and GMOD(fC) =
GMOD(DC) × (fPMOD)2 / (fZESR × fC).
The compensation resistor, RC, is calculated from:
RC = VOUT/ gmEA x VFB x GMOD(fC)
where gmEA = 108µS.
Due to the underdamped (Q > 1) nature of the output
LC double pole, the error-amplifier compensation zero
should be approximately 0.2 fPMOD to provide good
phase boost. CC is calculated from:
A small capacitor, CF, can also be added from COMP to
GND to provide high-frequency decoupling. CF adds
another high-frequency pole, fPHF, to the error-amplifier
response. This pole should be greater than 100 times the
error-amplifier zero frequency to have negligible impact
on the phase margin. This pole should also be less than
1/2 the switching frequency for effective decoupling:
100 fZEA < fPHF < 0.5 fsw
Select a value for fPHF in the range given above, then
solve for CF using the following equation:
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and stable operation. If possible, mount all the
power components on the top side of the board with their
C
Rf
F
C
PHF
=
××
1
2π
C
Rf
C
C
PMOD
=
××
5
2π
ff
f
ZESR
C
SW
<
≤
5
f
CR
ZEA
CC
=
××
1
2π
f
CR
R
DPEA
CO
C
=
××
+
()
1
2π
ESR
ESR
n
EACH
=
f
ESR C
ZESR
OUT
=
××
1
2π
f
LC
PMOD
OUT
=
1
2π
G
V
V
MOD DC
IN
RAMP
() =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com